| 전자부품 데이터시트 검색엔진 |
|
LSM9DS1TR 데이터시트(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM9DS1TR 데이터시트(HTML) 52 Page - STMicroelectronics |
|
52 / 72 page ![]() Accelerometer and gyroscope register description LSM9DS1 52/72 DocID025715 Rev 3 Table 67. CTRL_REG6_XL register description ODR_XL [2:0] is used to set power mode and ODR selection. Table 68 indicates all the frequencies available when only the accelerometer is activated. 7.25 CTRL_REG7_XL (21h) Linear acceleration sensor Control Register 7. ODR_XL [2:0] Output data rate and power mode selection. default value: 000 (see Table 68) FS_XL [1:0] Accelerometer full-scale selection. Default value: 00 (00: ±2g; 01: ±16 g; 10: ±4 g; 11: ±8 g) BW_SCAL_ ODR Bandwidth selection. Default value: 0 (0: bandwidth determined by ODR selection: - BW = 408 Hz when ODR = 952 Hz, 50 Hz, 10 Hz; - BW = 211 Hz when ODR = 476 Hz; - BW = 105 Hz when ODR = 238 Hz; - BW = 50 Hz when ODR = 119 Hz; 1: bandwidth selected according to BW_XL [2:1] selection) BW_XL [1:0] Anti-aliasing filter bandwidth selection. Default value: 00 (00: 408 Hz; 01: 211 Hz; 10: 105 Hz; 11: 50 Hz) Table 68. ODR register setting (accelerometer only mode) ODR_XL2 ODR_XL1 ODR_XL0 ODR selection [Hz] 000 Power-down 001 10 Hz 010 50 Hz 011 119 Hz 1 0 0 238 Hz 1 0 1 476 Hz 1 1 0 952 Hz 1 1 1 n.a. Table 69. CTRL_REG7_XL register HR DCF1 DCF0 0(1) 1. These bits must be set to ‘0’ for the correct operation of the device 0(1) FDS 0(1) HPIS1 |