전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSM9DS1TR 데이터시트(PDF) 32 Page - STMicroelectronics

부품명 LSM9DS1TR
상세설명  iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS1TR 데이터시트(HTML) 32 Page - STMicroelectronics

Back Button LSM9DS1TR Datasheet HTML 28Page - STMicroelectronics LSM9DS1TR Datasheet HTML 29Page - STMicroelectronics LSM9DS1TR Datasheet HTML 30Page - STMicroelectronics LSM9DS1TR Datasheet HTML 31Page - STMicroelectronics LSM9DS1TR Datasheet HTML 32Page - STMicroelectronics LSM9DS1TR Datasheet HTML 33Page - STMicroelectronics LSM9DS1TR Datasheet HTML 34Page - STMicroelectronics LSM9DS1TR Datasheet HTML 35Page - STMicroelectronics LSM9DS1TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
Digital interfaces
LSM9DS1
32/72
DocID025715 Rev 3
5.2.1
SPI read
Figure 17. Accelerometer and gyroscope SPI read protocol
The SPI read command is performed with 16 clock pulses. A multiple byte read command is
performed by adding blocks of 8 clock pulses to the previous one.
bit 0: READ bit. The value is 1.
bit 1-7: address AD(6:0). This is the address field of the indexed register.
bit 8-15: data DO(7:0) (read mode). This is the data that will be read from the device (MSb
first).
bit 16-... : data DO(...-8). Further data in multiple byte reads.
Figure 18. Multiple byte SPI read protocol (2-byte example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72