전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSM9DS1TR 데이터시트(PDF) 70 Page - STMicroelectronics

부품명 LSM9DS1TR
상세설명  iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS1TR 데이터시트(HTML) 70 Page - STMicroelectronics

Back Button LSM9DS1TR Datasheet HTML 64Page - STMicroelectronics LSM9DS1TR Datasheet HTML 65Page - STMicroelectronics LSM9DS1TR Datasheet HTML 66Page - STMicroelectronics LSM9DS1TR Datasheet HTML 67Page - STMicroelectronics LSM9DS1TR Datasheet HTML 68Page - STMicroelectronics LSM9DS1TR Datasheet HTML 69Page - STMicroelectronics LSM9DS1TR Datasheet HTML 70Page - STMicroelectronics LSM9DS1TR Datasheet HTML 71Page - STMicroelectronics LSM9DS1TR Datasheet HTML 72Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 70 / 72 page
background image
Package information
LSM9DS1
70/72
DocID025715 Rev 3
Table 131. LGA (3.5x3x1 mm) 24-lead package mechanical data
Dim.
mm
Min.
Typ.
Max.
A1
1.000
1.027
A3
0.130
D1
2.850
3.000
3.150
E1
3.350
3.500
3.650
L1
2.960
3.010
3.060
L2
1.240
1.290
1.340
N1
0.165
0.215
0.265
P2
0.200
0.250
0.300
a45°
T1
0.300
0.350
0.400
T2
0.180
0.230
0.280
K
0.050
M
0.100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72