전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TESEO-LIV3F 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 TESEO-LIV3F
상세설명  Tiny GNSS module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3F 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button TESEO-LIV3F Datasheet HTML 8Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 9Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 10Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 11Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 12Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 13Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 14Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 15Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Augmentation systems
Teseo-LIV3F
12/37
DS12152 Rev 7
3
Augmentation systems
3.1
Satellite-Based augmentation system
Teseo-LIV3F supports SBAS. SBAS is a Wide Area Differential GPS (WADGPS), it’s a
system which provides differential GPS corrections data; SBAS includes the WAAS within
the United States, the EGNOS within Europe, the Multifunctional Transport Satellite
(MTSAT)–based MSAS within Japan and Southeast Asia, and the GPS and GEO
Augmented Navigation (GAGAN) system in India.
SBAS data correction is used in the GNSS algorithm to provide a better position estimation.
The overall SBAS differential correction mechanism can be conceived as built in 2 phases:
The “Acquire and Tracking” phase
The “Decoding” phase
The “Acquire and Track” phase relates to the capacity of the acquisition engine to reliably
track the configured SBAS satellite; during decoding phase the SBAS message can be
decoded to fetch the differential corrections.
The current longitude limits for each service are:
WAAS -180 to -25 degrees
EGNOS -25 degrees to +50 degrees
GAGAN +50 degrees to +100 degrees
MSAS +100 degrees to +180 degrees
The Teseo-LIV3F software with SBAS capability implements a command interface at the
NMEA level to allow interaction with the SBAS library. It supports commands to
enable/disable the SBAS functionality.
3.2
QZSS
The Quasi-Zenith Satellite System (QZSS) is a Japanese regional communication service
and positioning information for the mobile environment in the GPS L1C/A band. QZSS in
conjunction with GPS signals provides GNSS augmentation service for the Pacific region
covering Japan and Australia. QZSS satellites are placed in a periodic Highly Elliptical Orbit
(HEO): these orbits allow the satellites to “dwell” for more than 12 hours a day at an
elevation above 70° (it means that they appear almost overhead most of the time).
3.3
Differential GPS
Teseo-LIV3F supports Differential-GPS data according to RTCM (Radio Technical
Commission for Maritime Services) 2.3.
Differential-GPS data improves position accuracy.
Teseo-LIV3F supports the following RTCM message.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37