전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TESEO-LIV3F 데이터시트(PDF) 19 Page - STMicroelectronics

부품명 TESEO-LIV3F
상세설명  Tiny GNSS module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3F 데이터시트(HTML) 19 Page - STMicroelectronics

Back Button TESEO-LIV3F Datasheet HTML 15Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 16Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 17Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 18Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 19Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 20Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 21Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 22Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
DS12152 Rev 7
19/37
Teseo-LIV3F
FW configuration
35
8
FW configuration
All configuration parameters are grouped in a data block. Each field is addressed by a
unique ID. The IDs are made by three digits: the most significant one represents the
parameter type and the others are used to identify different parameters of the same type.
Default setting of configuration data block is hard coded into the binary image file.
A new configuration can be built using the PC Tool Teseo-Suite Light, available at
www.st.com
or using runtime configuration commands raised by the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37