전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TESEO-LIV3F 데이터시트(PDF) 25 Page - STMicroelectronics

부품명 TESEO-LIV3F
상세설명  Tiny GNSS module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3F 데이터시트(HTML) 25 Page - STMicroelectronics

Back Button TESEO-LIV3F Datasheet HTML 21Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 22Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 23Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 24Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 25Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 26Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 27Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 28Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
DS12152 Rev 7
25/37
Teseo-LIV3F
Regulatory compliance
35
14
Regulatory compliance
14.1
CE certification for TESEO-LIV3F
The TESEO-LIV3F module has been certified according to the following standards:
Radio Equipment Directive (RED) 2014/53/EU
EN 60950-1:2006 + A11:2009 + A1:2010 + A12:2011 + A2:2013
EN62479:2010
ETSI EN 301 489-1 V2.2.0 + ETSI EN 301 489-19 V2.1.0
ETSI EN 303 413 V1.1.1
The module is provided by CE marking:
The Certificate of Conformity is available/downloadable at the following webpage:
www.st.com
at the teseo-liv3f page.
For additional information please refer to:
STMicroelectronics Via C. Olivetti, 2 Agrate Brianza (MB) 20864 (ITALY)
The TESEO–LIV3F module current production firmware release is:
$PSTMVER,GNSSLIB_8.x.x.xx_ARM*xx
The manufacturer, STMicroelectronics, declares that the Teseo-LIV3F radio equipment
complies with the 2014/53/UE directive.
The full text of the EU declaration of conformity is available at the following Internet address:
www.st.com
at the teseo-liv3f page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37