| 전자부품 데이터시트 검색엔진 |
|
W5200 데이터시트(PDF) 44 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W5200 데이터시트(HTML) 44 Page - WIZnet Co., Ltd |
|
44 / 88 page ![]() © Copyright 2013 WIZnet Co.,Ltd. All rights reserved. 44 Set socket memory information This stage sets the socket tx/rx memory information. The base address and mask address of each socket are fixed and saved in this stage. In case of, assign 2KB rx, tx memory per SOCKET { gS0_RX_BASE = 0x0000(Chip base address) + 0xC000(Internal RX buffer address); // Set base address of RX memory for SOCKET 0 Sn_RXMEM_SIZE(ch) = (uint8 *) 2; // Assign 2K rx memory per SOCKET gS0_RX_MASK = 2K – 1; // 0x07FF, for getting offset address within assigned SOCKET 0 RX memory gS1_RX_BASE = gS0_RX_BASE + (gS0_RX_MASK + 1); gS1_RX_MASK = 2K – 1; gS2_RX_BASE = gS1_RX_BASE + (gS1_RX_MASK + 1); gS2_RX_MASK = 2K – 1; gS3_RX_BASE = gS2_RX_BASE + (gS2_RX_MASK + 1); gS3_RX_MASK = 2K – 1; gS4_RX_BASE = gS3_RX_BASE + (gS3_RX_MASK + 1); gS4_RX_MASK = 2K – 1; gS5_RX_BASE = gS4_RX_BASE + (gS4_RX_MASK + 1); gS5_RX_MASK = 2K – 1; gS6_RX_BASE = gS5_RX_BASE + (gS5_RX_MASK + 1); gS6_RX_MASK = 2K – 1; gS7_RX_BASE = gS6_RX_BASE + (gS6_RX_MASK + 1); gS7_RX_MASK = 2K – 1; gS0_TX_BASE = 0x0000(Chip base address) + 0x8000(InternalTX buffer address); // Set base address of TX memory for SOCKET 0 Sn_TXMEM_SIZE(ch) = (uint8 *) 2; // Assign 2K rx memory per SOCKET gS0_TX_MASK = 2K – 1; /* Same method, set gS1_TX_BASE, gS1_TX_MASK, gS2_TX_BASE, gS2_TX_MASK, gS3_TX_BASE, gS3_TX_MASK, gS4_TX_BASE, gS4_TX_MASK, gS5_TX_BASE, gS5_TX_MASK, gS6_TX_BASE, gS6_tx_MASK, gS7_TX_BASE, gS7_TX_MASK */ } |