전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

W5200 데이터시트(PDF) 80 Page - WIZnet Co., Ltd

부품명 W5200
상세설명  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WIZNET [WIZnet Co., Ltd]
홈페이지  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 데이터시트(HTML) 80 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 76Page - WIZnet Co., Ltd W5200 Datasheet HTML 77Page - WIZnet Co., Ltd W5200 Datasheet HTML 78Page - WIZnet Co., Ltd W5200 Datasheet HTML 79Page - WIZnet Co., Ltd W5200 Datasheet HTML 80Page - WIZnet Co., Ltd W5200 Datasheet HTML 81Page - WIZnet Co., Ltd W5200 Datasheet HTML 82Page - WIZnet Co., Ltd W5200 Datasheet HTML 83Page - WIZnet Co., Ltd W5200 Datasheet HTML 84Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
80
7.4
AC Characteristics
7.4.1 Reset Timing
Figure 23 Reset Timing
Symbol
Description
Min
Max
TRC
Reset Cycle Time
2 us
-
TPL
RSTn internal PLOCK
-
150 ms
7.4.2 Crystal Characteristics
Parameter
Range
Frequency
25 MHz
Frequency Tolerance (at 25
℃)
±30 ppm
Shunt Capacitance
7pF Max
Drive Level
59.12uW/MHz
Load Capacitance
27pF
Aging (at 25
℃)
±3ppm / year Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com