전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

W5200 데이터시트(PDF) 51 Page - WIZnet Co., Ltd

부품명 W5200
상세설명  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WIZNET [WIZnet Co., Ltd]
홈페이지  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 데이터시트(HTML) 51 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 47Page - WIZnet Co., Ltd W5200 Datasheet HTML 48Page - WIZnet Co., Ltd W5200 Datasheet HTML 49Page - WIZnet Co., Ltd W5200 Datasheet HTML 50Page - WIZnet Co., Ltd W5200 Datasheet HTML 51Page - WIZnet Co., Ltd W5200 Datasheet HTML 52Page - WIZnet Co., Ltd W5200 Datasheet HTML 53Page - WIZnet Co., Ltd W5200 Datasheet HTML 54Page - WIZnet Co., Ltd W5200 Datasheet HTML 55Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
51
FREESIZE:
freesize = Sn_TX_FSR;
if (freesize<len) goto FREESIZE;
// len is send size
/* calculate offset address */
dst_mask= Sn_TX_WR0 &gSn_TX_MASK;
// dst_mask is offset address
/* calculate start address(physical address) */
dst_ptr = gSn_TX_BASE + dst_mask;
// destination_address is physical start address
/* if overflow SOCKETTX memory */
if ( (dst_mask + len) > (gSn_TX_MASK + 1) )
{
/* copy upper_size bytes of source_addr to destination_address */
upper_size = (gSn_TX_MASK + 1) – dst_mask;
memcpy(src_addr, dst_ptr, upper_size);
/* update source_addr*/
source_addr += upper_size;
/* copy left_size bytes of source_addr to gSn_TX_BASE */
left_size = len – upper_size;
memecpy(source_addr, gSn_TX_BASE, left_size);
}
else
{
/* copy len bytes of source_addr to destination_address */
memcpy(source_addr, dst_ptr, len);
}
/* increase Sn_TX_WR as length of len */
Sn_TX_WR0 += send_size;
/* set SEND command */
Sn_CR = SEND;
/* return real packet size */
return ( read_ptr_after_send - read_ptr_befor_send )
/* if return value is not equal len (len is send size),
retry send left data without copying data*/
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88