전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MXT1664T3-CCTESSQTP 데이터시트(PDF) 18 Page - Microchip Technology

부품명 MXT1664T3-CCTESSQTP
상세설명  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-CCTESSQTP 데이터시트(HTML) 18 Page - Microchip Technology

Back Button MXT1664T3-CCTESSQTP Datasheet HTML 14Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 15Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 16Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 17Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 18Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 19Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 20Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 21Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 18
 2018 Microchip Technology Inc.
2.2
136-ball UFBGA – USB Mode
See Section 2.5 “Schematic Notes”
X0
X1
X2
X3
X4
X5
X6
X7
X8
X9
X10
X11
X12
X13
X14
X15
X16
X17
X18
X19
X20
X21
X22
X23
X24
X25
X26
X27
X28
X29
X30
X31
GND
X0
B13
X2
B12
X3
A12
X4
C11
X5
B11
X6
A11
X7
C10
X8
B10
X9
A10
X10
C9
X11
B9
X12
A9
X13
C8
X14
B8
X15
C7
X16
B7
X1
A13
RESET
N5
X17
C6
X18
B6
X19
A6
X20
C5
X21
B5
X22
A5
X23
C4
X24
B4
X25
A4
X26
C3
X27
B3
X28
A3
X29
B2
X30
A2
X31
A1
SCL
M5
SDA
L5
USB_DM
K5
ADDSEL/USB_DP
M6
COMMSEL
L6
I2CMODE
K6
NOISE_IN
H6
CHG
G6
GPIO0
F6
GPIO1
M7
GPIO2
L7
GPIO3
H7
DBG_CLK/XTAL_XIN
L8
DBG_DATA/XTAL_XOUT
H8
TEST/DBG_SS
G8
DS0
H10
GPIO5
M8
PTC_SIG
K8
PTCXY0
K9
PTCXY1
L9
PTCXT2
M9
PTCXY3
N9
GPIO4
F7
Not Used
Not Used
Not Used
Not Used
Not Used
VDDIO
GND
VDD
GND
GND
GND
GND
2.2 uF
22nF
22 nF
2.2 uF
2.2uF
2.2 uF
22 nF
100nF
22 nF
AVDD
XVDD
RESET
GND
10nF
VDDIO
GND
16 MHz
XTAL
15pF
15pF
GND
GND
USB_DM
USB_DP
MATRIX Y LINES
DRIVEN
SHIELD
MATRIX Y LINES
GPIO0
NOISE_IN
GPIO1
GPIO2
GPIO3
GPIO4
GPIO5
mXT1664T3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com