전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MXT1664T3-CCTESSQTP 데이터시트(PDF) 27 Page - Microchip Technology

부품명 MXT1664T3-CCTESSQTP
상세설명  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-CCTESSQTP 데이터시트(HTML) 27 Page - Microchip Technology

Back Button MXT1664T3-CCTESSQTP Datasheet HTML 23Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 24Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 25Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 26Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 27Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 28Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 29Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 30Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 27
FIGURE 5-2:
POWER SEQUENCING ON THE MXT1664T3 – LATE RISE ON AVDD OR XVDD
The RESET pin can be used to reset the device whenever necessary. The RESET pin must be asserted low for at least
90 ns to cause a reset. After releasing the RESET pin the device typically takes 81 ms before it is ready to start
communications. It is recommended to connect the RESET pin to a host controller to allow it to initiate a full hardware
reset without requiring a power-down.
Make sure that any lines connected to the device are below or equal to Vdd during power-up. For example, if RESET
is supplied from a different power domain to the VDDIO pin, make sure that it is held low when Vdd is off. If this is not
done, the RESET signal could parasitically couple power via the RESET pin into the Vdd supply.
A software RESET command (using the Command Processor T6 object) can be used to reset the chip. A software reset
typically takes 104 ms. After the chip has finished it asserts the CHG line to signal to the host that a message is
available. The reset flag is set in the Command Processor T6 object message data to indicate to the host that it has just
completed a reset cycle. This bit can be used by the host to detect any unexpected brownout events. This allows the
host to take any necessary corrective actions, such as reconfiguration.
At power-on, the device performs a self-test routine (using the Self Test T25 object) to check for shorts that might cause
damage to the device.
5.2
Power-up and Reset Sequence – VddIO Enabled after Vdd
The power-up sequence that can be used in applications where VddIO must be powered up after Vdd, is shown in
Figure 5-3 on page 28.
In this case the communication interface to the maXTouch device is not driven by the host system. The RESET and
CHG pins are connected to VddIO using suitable pull-up resistors. Vdd is powered up, followed by VddIO, no more than
10 ms after Vdd. Due to the pull-up resistors, RESET and CHG will rise with VddIO. The internal POR system ensures
reliable boot up of the device and the CHG line will go low approximately 79 ms after Vdd to notify the host that the
device is ready to start communication.
WARNING
The device should be reset only by using the RESET line. If an attempt is made to reset by removing
the power from the device without also sending the signal lines low, power will be drawn from the
interface lines and the device will not reset correctly.
NOTE
The voltage level on the RESET pin of the device must never exceed VddIO (digital supply voltage).
NOTE
The CHG line is briefly set (~100 ms) as an input during power-up or reset. It is therefore particularly
important that the line should be allowed to float high via the CHG line pull-up resistor during this period.
It should never be driven by the host (see Section 14.7.3 “Reset Timings”).
(Nom)
AVdd or
XVdd
(Nom)
Vdd/VddIO
(VddIO)
RESET
RESET deasserted before AVdd/XVdd at
nominal level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com