전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MXT1664T3-CCTESSQTP 데이터시트(PDF) 25 Page - Microchip Technology

부품명 MXT1664T3-CCTESSQTP
상세설명  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-CCTESSQTP 데이터시트(HTML) 25 Page - Microchip Technology

Back Button MXT1664T3-CCTESSQTP Datasheet HTML 21Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 22Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 23Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 24Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 25Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 26Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 27Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 28Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 25
4.0
SENSOR LAYOUT
The specific electrode designs used in Microchip touchscreens are the subject of various patents and patent
applications. Further information is available on request.
The device supports various configurations of electrodes as summarized below:
• Touchscreen: 32 X × 52 Y maximum (subject to other configurations)
When designing the physical layout of the touch panel, the following rules must be obeyed:
• The Touchscreen object should be a regular rectangular shape in terms of the lines it uses.
• It is recommended that the Touchscreen should start at X0, Y0; if self-capacitance measurements are enabled,
the Touchscreen must start at X0, Y0. If a design requires the touchscreen to be located in a region that does not
start at X0, Y0, seek advice from Microchip first.
4.1
Screen Size
Table 4-1 lists some typical screen size and electrode pitch combinations to achieve various aspect ratios.
TABLE 4-1:
TYPICAL SCREEN SIZES
Aspect Ratio
Matrix Size
Node Count
Screen Diagonal (Inches)
3.8 mm Pitch (1)
5 mm Pitch
6 mm Pitch
6.5 mm Pitch
16:10
X = 32, Y = 52
1664
9.13
12.02
14.42
15.62
16:9
X = 29, Y = 52
1508
8.91
11.72
14.06
15.24
4:3
X = 32, Y = 43
1376
8.02
10.55
12.66
13.72
2:1
X = 26, Y = 52
1352
8.7
11.44
13.73
14.88
Note
1:
Recommended sensor pitch for 1.5 mm passive stylus tip diameter
2:
The figures given in the table are for a Touchscreen and show the largest node count possible to achieve the desired
aspect ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com