| 전자부품 데이터시트 검색엔진 |
|
MXT1664T3-CCTESSQTP 데이터시트(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MXT1664T3-CCTESSQTP 데이터시트(HTML) 5 Page - Microchip Technology |
|
5 / 98 page ![]() MXT1664T3 2.0 2018 Microchip Technology Inc. DS40002054A-page 5 D11 GND P – Ground – D12 GND P – Ground – D13 AVDD P – Analog power – E1 Y27 S AVdd Y line connection Leave open E2 Y26 S AVdd Y line connection Leave open E3 AVDD P – Analog power – E11 AVDD P – Analog power – E12 Y0 S AVdd Y line connection Leave open E13 Y1 S AVdd Y line connection Leave open F1 Y30 S AVdd Y line connection Leave open F2 Y29 S AVdd Y line connection Leave open F3 Y28 S AVdd Y line connection Leave open F6 GPIO0 I/O VddIO General purpose I/O; see Section 2.5.8 “GPIO Pins” Connect to GND F7 GPIO4 I/O VddIO General purpose I/O; see Section 2.5.8 “GPIO Pins” Connect to GND F8 GND P – Ground – F11 Y2 S AVdd Y line connection Leave open F12 Y3 S AVdd Y line connection Leave open F13 Y4 S AVdd Y line connection Leave open G1 Y33 S AVdd Y line connection Leave open G2 Y32 S AVdd Y line connection Leave open G3 Y31 S AVdd Y line connection Leave open G6 CHG OD VddIO Change line interrupt. This line is briefly set (~100 ms) as an input after power-up or reset for diagnostic purposes – G8 DBG_SS I/O VddIO Debug SS line; requires external pull-up to VddIO Pull up to VddIO TEST – Reserved for factory use G11 Y5 S AVdd Y line connection Leave open G12 Y6 S AVdd Y line connection Leave open G13 Y7 S AVdd Y line connection Leave open H1 Y36 S AVdd Y line connection Leave open H2 Y35 S AVdd Y line connection Leave open H3 Y34 S AVdd Y line connection Leave open H6 NOISE_IN I VddIO Noise present input Connect to GND H7 GPIO3 I/O VddIO General purpose I/O; see Section 2.5.8 “GPIO Pins” Connect to GND TABLE 1: PIN LISTING – 136-BALL UFBGA (CONTINUED) Ball Name Type Supply Description If Unused... |