전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MXT1664T3-C2TESSQTP 데이터시트(PDF) 29 Page - Microchip Technology

부품명 MXT1664T3-C2TESSQTP
상세설명  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2TESSQTP 데이터시트(HTML) 29 Page - Microchip Technology

Back Button MXT1664T3-C2TESSQTP Datasheet HTML 25Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 26Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 27Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 28Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 29Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 30Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 31Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 32Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 29
6.0
DETAILED OPERATION
6.1
Touch Detection
The mXT1664T3 allows for both mutual and self capacitance measurements, with the self capacitance measurements
being used to augment the mutual capacitance measurements to produce reliable touch information.
When self capacitance measurements are enabled, touch classification is achieved using both mutual and self
capacitance touch data. This has the advantage that both types of measurement systems can work together to detect
touches under a wide variety of circumstances.
Mutual capacitance touch data is used wherever possible to classify touches as this has greater granularity than self
capacitance measurements and provides positional information on touches.
Self capacitance measurements, on the other hand, allow for the detection of single touches in extreme cases, such as
single thick glove touches, when touches can only be detected by self capacitance data and may be missed by mutual
capacitance touch detection.
6.2
Operational Modes
The device operates in two modes: Active (touch detected) and Idle (no touches detected). Both modes operate as a
series of burst cycles. Each cycle consists of a short burst (during which measurements are taken) followed by an
inactive sleep period. The difference between these modes is the length of the cycles. Those in idle mode typically have
longer sleep periods. The cycle length is configured using the IDLEACQINT and ACTVACQINT settings in the Power
Configuration T7. In addition, an Active to Idle Timeout setting is provided.
6.3
Detection Integrator
The device features a touch detection integration mechanism. This acts to confirm a detection in a robust fashion. A
counter is incremented each time a touch has exceeded its threshold and has remained above the threshold for the
current acquisition. When this counter reaches a preset limit the sensor is finally declared to be touched. If, on any
acquisition, the signal is not seen to exceed the threshold level, the counter is cleared and the process has to start from
the beginning.
The detection integrator is configured using the appropriate touch objects (Multiple Touch Touchscreen T100).
6.4
Sensor Acquisition
The charge time is set using the Acquisition Configuration T8 object.
A number of factors influence the acquisition time for a single drive line and the total acquisition time for the sensor as
a whole must not exceed 250 ms. If this condition is not met, a SIGERR will be reported.
Care should be taken to configure all the objects that can affect the measurement timing, for example, Acquisition
Configuration T8, CTE Configuration T46 and Self Capacitance Configuration T111, so that these limits are not
exceeded.
6.5
Calibration
Calibration is the process by which a sensor chip assesses the background capacitance on each node. Nodes are only
calibrated on reset and when:
• The node is enabled (that is, activated)
or
• The node is already enabled and one of the following applies:
- The node is held in detect for longer than the Touch Automatic Calibration setting (TCHAUTOCAL in the
Acquisition Configuration T8 object)
- The signal delta on a node is at least the touch threshold (TCHTHR – TCHHYST) in the anti-touch direction,
while it meets the criteria in the Touch Recovery Processes that results in a recalibration
- The host issues a recalibrate command
- Certain configuration settings are changed
A status message is generated on the start and completion of a calibration.
Note that the device performs a global calibration; that is, all the nodes are calibrated together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com