전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MXT1664T3-C2TESSQTP 데이터시트(PDF) 54 Page - Microchip Technology

부품명 MXT1664T3-C2TESSQTP
상세설명  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2TESSQTP 데이터시트(HTML) 54 Page - Microchip Technology

Back Button MXT1664T3-C2TESSQTP Datasheet HTML 50Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 51Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 52Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 53Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 54Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 55Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 56Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 57Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 54
 2018 Microchip Technology Inc.
FIGURE 10-12:
SEND AUTO-RETURN – MESSAGE PACKET FORMAT
In Figure 10-12:
• Rpt ID is the USB report ID used is that for Object Protocol commands and responses (see Table 10-3 on page 50
for the value).
• ID Bytes identify the packet as an auto-return message packet.
• Message Report ID is the report ID returned by the Message Processor T5 object. Note that this is the report ID
used in the Object Protocol and should not be confused with the USB report ID. Refer to the mXT1664T3 2.0
Protocol Guide for more information on the use of Object Protocol report IDs.
• Message Data bytes are the bytes of data returned by the Message Processor T5 object. The size of the data
depends on the source object for which this is the message data. Any unused bytes are padded with zeros. Refer
to the mXT1664T3 2.0 Protocol Guide for more information on the messages from the various objects.
To stop the sending of the messages, the host can send a null command packet. This consists of two bytes: the report
ID for Object Protocol commands and responses (0x01) and a command byte of 0x00 (see Figure 10-13).
FIGURE 10-13:
SEND AUTO-RETURN – NULL COMMAND PACKET FORMAT
Note that any standard read/write operation (see Section 9.5.1 “Read/Write Memory Map Command”) or Start Debug
Monitoring (see Section 10.4.3 “Start Debug Monitoring”) command will also terminate any currently enabled auto-return
mode.
Figure 10-14 on page 55 shows an example sequence of packets to receive messages from the Message Processor
T5 object using the Send Auto-return command.
0xFA
0x00
ID Bytes
Message
Report ID
Msg ID
Message Data
Data
n
Data 0
...
Unused Bytes
(Packet Padded to 64 Bytes)
0x00
0x00
...
Rpt ID
0x00
Null
Command
ID
Rpt ID
Reserved Bytes
(62 Bytes)
0x00
0x00
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com