전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MXT1664T3-C2TESSQTP 데이터시트(PDF) 66 Page - Microchip Technology

부품명 MXT1664T3-C2TESSQTP
상세설명  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2TESSQTP 데이터시트(HTML) 66 Page - Microchip Technology

Back Button MXT1664T3-C2TESSQTP Datasheet HTML 62Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 63Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 64Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 65Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 66Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 67Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 68Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 69Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 66
 2018 Microchip Technology Inc.
12.2.3
CONFIGURING AND TUNING THE DEVICE
The objects are designed such that a default value of zero in their fields is a “safe” value that typically disables
functionality. The objects must be configured before use and the settings written to the non-volatile memory using the
Command Processor T6 object.
Perform the following actions for each object:
1.
Enable the object, if the object requires it.
2.
Configure the fields in the object, as required.
3.
Enable reporting, if the object supports messages, to receive messages from the object.
12.3
Writing to the Device
The following mechanisms can be used to write to the device:
• Using an I2C write operation (see Section 8.2 “Writing To the Device”).
• Using the USB Generic HID write operation (see Section 10.4.1.2 “Writing To the Device”).
• Using the Generic HID-I2C write operation (see Section 9.5.1.2 “Writing To the Device”).
Communication with the device is achieved by writing to the appropriate object:
• To send a command to the device, an appropriate command is written to the Command Processor T6 object.
Timer T61
Provides control of a timer.
6
Enable and configure as
required.
Serial Data Command T68
Provides an interface for the host driver to
deliver various data sets to the device.
1
Enable and configure as
required.
Dynamic Configuration
Controller T70
Allows rules to be defined that respond to
system events.
20
Enable and configure as
required.
Dynamic Configuration
Container T71
Allows the storage of user configuration on
the device that can be selected at runtime
based on rules defined in the Dynamic
Configuration Controller T70 object.
1
Configure if Dynamic
Configuration Controller T70 is
in use.
CTE Scan Configuration
T77
Configures enhanced X line scanning
features.
1
Enable and configure as
required.
Touch Event Trigger T79
Configures touch triggers for use with the
event handler.
3
Enable and configure as
required.
Auxiliary Touch
Configuration T104
Allows the setting of self capacitance gain
and thresholds for a particular measurement
to generate auxiliary touch data for use by
other objects.
1
Enable and configure if using
self capacitance
measurements
Self Capacitance Global
Configuration T109
Provides configuration for self capacitance
measurements employed on the device.
1
Check and configure as
required (if using self
capacitance measurements).
Self Capacitance Tuning
Parameters T110
Provides configuration space for a generic set
of settings for self capacitance
measurements.
6
Use under the guidance of
Microchip field engineers only.
Self Capacitance
Configuration T111
Provides configuration for self capacitance
measurements employed on the device.
2
Check and configure as
required (if using self
capacitance measurements).
Self Capacitance
Measurement Configuration
T113
Configures self capacitance measurements
to generate data for use by other objects.
1
Enable and configure as
required.
TABLE 12-1:
OBJECTS ON THE MXT1664T3 (CONTINUED)
Object
Description
Number of
Instances
Usage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com