| 전자부품 데이터시트 검색엔진 |
|
PIC16F913 데이터시트(PDF) 36 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F913 데이터시트(HTML) 36 Page - Microchip Technology |
|
36 / 272 page ![]() PIC16F917/916/914/913 DS41250E-page 34 Preliminary © 2005 Microchip Technology Inc. 3.1.1.2 RA1/AN1/C2-/SEG7 Figure 3-2 shows the diagram for this pin. The RA1/AN1/C2-/SEG7 pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the A/D • an analog input for Comparator 2 • an analog output for the LCD FIGURE 3-2: BLOCK DIAGRAM OF RA1/AN1/C2-/SEG7 Q D Q CK Data Latch TRIS Latch RD TRISA RD PORTA Q D Q CK To A/D Converter or Comparator SEG7 Data Bus WR PORTA WR TRISA Analog Input or I/O Pin TTL Input Buffer VDD SE7 and LCDEN SE7 and LCDEN SE7 and LCDEN |