전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F913 데이터시트(PDF) 53 Page - Microchip Technology

부품명 PIC16F913
상세설명  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913 데이터시트(HTML) 53 Page - Microchip Technology

Back Button PIC16F913 Datasheet HTML 49Page - Microchip Technology PIC16F913 Datasheet HTML 50Page - Microchip Technology PIC16F913 Datasheet HTML 51Page - Microchip Technology PIC16F913 Datasheet HTML 52Page - Microchip Technology PIC16F913 Datasheet HTML 53Page - Microchip Technology PIC16F913 Datasheet HTML 54Page - Microchip Technology PIC16F913 Datasheet HTML 55Page - Microchip Technology PIC16F913 Datasheet HTML 56Page - Microchip Technology PIC16F913 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 272 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41250E-page 51
PIC16F917/916/914/913
3.4
PORTC and TRISC Registers
PORTC is an 8-bit bidirectional port. PORTC is
multiplexed with several peripheral functions. PORTC
pins have Schmitt Trigger input buffers.
All PORTC pins have latch bits (PORTC register).
They, when written, will modify the contents of the
PORTC latch; thus, modifying the value driven out on
a pin if the corresponding TRISC bit is configured for
output.
EXAMPLE 3-3:
INITIALIZING PORTC
REGISTER 3-7:
PORTC – PORTC REGISTER (ADDRESS: 07h)
REGISTER 3-8:
TRISC – PORTC TRI-STATE REGISTER (ADDRESS: 87h)
Note:
Analog lines that carry LCD signals
(i.e., SEGx, VLCDy, where x and y are
segment and LCD bias voltage identifiers)
are shown as direct connections to the
device pins. The signals are outputs from
the LCD module and may be tri-stated,
depending on the configuration of the LCD
module.
BCF
STATUS,RP0 ;Bank 0
BCF
STATUS,RP1 ;
CLRF
PORTC
;Init PORTC
BSF
STATUS,RP0 ;Bank 1
BCF
STATUS,RP1 ;
MOVLW
FFh
;Set RC<7:0> as inputs
MOVWF
TRISC
;
BCF
STATUS,RP0 ;Bank 2
BSF
STATUS,RP1 ;
CLRF
LCDCON
;Disable VLCD<3:1>
;inputs on RC<2:0>
BCF
STATUS,RP0 ;Bank 0
BCF
STATUS,RP1 ;
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
bit 7
bit 0
bit 7-0
RC<7:0>: PORTC I/O Pin bits
1
= Port pin is >VIH
0
= Port pin is <VIL
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
bit 7
bit 0
bit 7-0
TRISC<7:0>: PORTC Tri-State Control bits
1
= PORTC pin configured as an input (tri-stated)
0
= PORTC pin configured as an output
Note:
TRISC<7:6> always reads ‘1’ in XT, HS and LP OSC modes.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com