| 전자부품 데이터시트 검색엔진 |
|
PIC16F913 데이터시트(PDF) 60 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F913 데이터시트(HTML) 60 Page - Microchip Technology |
|
60 / 272 page ![]() PIC16F917/916/914/913 DS41250E-page 58 Preliminary © 2005 Microchip Technology Inc. 3.4.1.8 RC7/RX/DT/SDI/SDA/SEG8 Figure 3-21 shows the diagram for this pin. The RC7/RX/DT/SDI/SDA/SEG8 pin is configurable to function as one of the following: • a general purpose I/O • an asynchronous serial input • a synchronous serial data I/O • a SPI data I/O •an I2C data I/O • an analog output for the LCD FIGURE 3-21: BLOCK DIAGRAM OF RC7/RX/DT/SDI/SDA/SEG8 Data Bus WR PORTC WR TRISC RD PORTC RX/SDI Input SEG8 0 1 I2C™ Data Out Schmitt Trigger RC7/RX/DT/ VDD Data Latch TRIS Latch Q D Q CK Q D Q CK I2C™ Drive SE8 and LCDEN RD TRISC PORT/(SCEN or I2C™) Select SCEN/I2C™ Mode Select(1) DT Data Out 1 0 or SCEN Drive SE8 and LCDEN Note 1: If SSP and USART outputs are both enabled, the USART data output will have priority over the SSP data output. Both SSP and USART data outputs will have priority over the PORT data output. Pin SDI/SDA/ SEG8 |