| 전자부품 데이터시트 검색엔진 |
|
PIC16F917E/ML301 데이터시트(PDF) 35 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F917E/ML301 데이터시트(HTML) 35 Page - Microchip Technology |
|
35 / 272 page ![]() © 2005 Microchip Technology Inc. Preliminary DS41250E-page 33 PIC16F917/916/914/913 3.1.1 PIN DESCRIPTIONS AND DIAGRAMS Each PORTA pin is multiplexed with other functions. The pins and their combined functions are briefly described here. For specific information about individual functions, refer to the appropriate section in this data sheet. 3.1.1.1 RA0/AN0/C1-/SEG12 Figure 3-1 shows the diagram for this pin. The RA0/AN0/C1-/SEG12 pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the A/D • an analog input for Comparator 1 • an analog output for the LCD FIGURE 3-1: BLOCK DIAGRAM OF RA0/AN0/C1-/SEG12 Q D Q CK Data Latch TRIS Latch RD TRISA RD PORTA Analog Input or I/O Pin Q D Q CK TTL Input Buffer VDD To A/D Converter or Comparator SEG12 SE12 and LCDEN SE12 and LCDEN Data Bus WR PORTA WR TRISA SE12 and LCDEN |