| 전자부품 데이터시트 검색엔진 |
|
PIC16F917E/ML301 데이터시트(PDF) 51 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F917E/ML301 데이터시트(HTML) 51 Page - Microchip Technology |
|
51 / 272 page ![]() © 2005 Microchip Technology Inc. Preliminary DS41250E-page 49 PIC16F917/916/914/913 3.3.3.8 RB7/ICSPDAT/ICDDAT/SEG13 Figure 3-13 shows the diagram for this pin. The RB7/ICSPDAT/ICDDAT/SEG13 pin is configurable to function as one of the following: • a general purpose I/O • an In-Circuit Serial Programming™ I/O • an ICD data I/O • an analog output for the LCD FIGURE 3-13: BLOCK DIAGRAM OF RB7/ICSPDAT/ICDDAT/SEG13 From other Set RBIF RB<7:4> pins FOSC/4 RD PORTB PGD Q D CK Data Latch TRIS Latch RD TRISB RD PORTB Q D CK D Q EN TTL Input Buffer SE13 and LCDEN Data Bus WR PORTB WR TRISB P VDD I/O Pin VDD Weak Pull-up SE13 and LCDEN RBPU(1) Note 1: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit. D Q EN PORT/Program Mode/ICD SEG13 Schmitt Trigger Buffer SE13 and LCDEN 1 0 0 1 PGD DRVEN PGD SE13 and LCDEN Program Mode/ICD |