| 전자부품 데이터시트 검색엔진 |
|
PIC16F917E/ML301 데이터시트(PDF) 63 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F917E/ML301 데이터시트(HTML) 63 Page - Microchip Technology |
|
63 / 272 page ![]() © 2005 Microchip Technology Inc. Preliminary DS41250E-page 61 PIC16F917/916/914/913 3.5.1 PIN DESCRIPTIONS AND DIAGRAMS Each PORTD pin is multiplexed with other functions. The pins and their combined functions are briefly described here. For specific information about individual functions such as the comparator or the A/D, refer to the appropriate section in this data sheet. 3.5.1.1 RD0/COM3 Figure 3-22 shows the diagram for this pin. The RD0/COM3 pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the A/D 3.5.1.2 RD1 Figure 3-23 shows the diagram for this pin. The RD1 pin is configurable to function as one of the following: • a general purpose I/O 3.5.1.3 RD2/CCP2 Figure 3-24 shows the diagram for this pin. The RD2/CCP2 pin is configurable to function as one of the following: • a general purpose I/O • a Capture input, Compare output or PWM output 3.5.1.4 RD3/SEG16 Figure 3-25 shows the diagram for this pin. The RD3/SEG16 pin is configurable to function as one of the following: • a general purpose I/O • an analog output for the LCD 3.5.1.5 RD4/SEG17 Figure 3-25 shows the diagram for this pin. The RD4/SEG17 pin is configurable to function as one of the following: • a general purpose I/O • an analog output for the LCD 3.5.1.6 RD5/SEG18 Figure 3-25 shows the diagram for this pin. The RD5/SEG18 pin is configurable to function as one of the following: • a general purpose I/O • an analog output for the LCD 3.5.1.7 RD6/SEG19 Figure 3-25 shows the diagram for this pin. The RD6/SEG19 pin is configurable to function as one of the following: • a general purpose I/O • an analog output for the LCD 3.5.1.8 RD7/SEG20 Figure 3-25 shows the diagram for this pin. The RD7/SEG20 pin is configurable to function as one of the following: • a general purpose I/O • an analog output for the LCD |