| 전자부품 데이터시트 검색엔진 |
|
PIC16F917E/ML301 데이터시트(PDF) 46 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F917E/ML301 데이터시트(HTML) 46 Page - Microchip Technology |
|
46 / 272 page ![]() PIC16F917/916/914/913 DS41250E-page 44 Preliminary © 2005 Microchip Technology Inc. 3.3.3 PIN DESCRIPTIONS AND DIAGRAMS Each PORTB pin is multiplexed with other functions. The pins and their combined functions are briefly described here. For specific information about individual functions such as the LCD or interrupts, refer to the appropriate section in this data sheet. 3.3.3.1 RB0/INT/SEG0 Figure 3-9 shows the diagram for this pin. The RB0/INT/SEG0 pin is configurable to function as one of the following: • a general purpose I/O • an external edge triggered interrupt • an analog output for the LCD 3.3.3.2 RB1/SEG1 Figure 3-9 shows the diagram for this pin. The RB1/SEG1 pin is configurable to function as one of the following: • a general purpose I/O • an analog output for the LCD 3.3.3.3 RB2/SEG2 Figure 3-9 shows the diagram for this pin. The RB2/SEG2 pin is configurable to function as one of the following: • a general purpose I/O • an analog output for the LCD 3.3.3.4 RB3/SEG3 Figure 3-9 shows the diagram for this pin. The RB3/SEG3 pin is configurable to function as one of the following: • a general purpose I/O • an analog output for the LCD |