| 전자부품 데이터시트 검색엔진 |
|
SARA-R5 데이터시트(PDF) 6 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
SARA-R5 데이터시트(HTML) 6 Page - u-blox AG |
|
6 / 43 page ![]() SARA-R5 series - Data sheet UBX-19016638 - R06 Functional description Page 6 of 43 C1-Public 1.2 Product features Model Region RAT Positioning Interfaces Features Grade SARA-R500S Multi Region M1 NB2 * ● ● ● ● ● ○ ○ ● ● ○ ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● SARA-R510S Multi Region M1 NB2 * ● ● ● ● ● ○ ○ ● ● ○ ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● SARA-R510M8S Multi Region M1 NB2 * ● ● ● ● ● ○ ○ ● ● ○ ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● * = LTE Bands 1, 2, 3, 4, 5, 8, 12, 13, 18, 19, 20, 26, 28 in M1 and NB2, LTE bands 25 in M1-only, and LTE bands 66, 71, 85 in NB2-only ● = supported by all FW versions ○ = supported by future FW versions Table 1: SARA-R5 series main features summary ☞ The “00” products version of the SARA-R5 series modules do not support LTE NB-IoT. 1.3 Block diagram V_INT (I/O) VCC (supply) ANT_DET ANT Flash memory SIM I2S GPIOs Reset Power-on UART USB DDC (I2C) PA UBX-R5 Cellular chipset Base Band processor Power Management Unit RF transceiver Filter Filter Switch SPI SDIO Secure element (eSIM) 32 kHz 26 MHz TCXO Figure 1: SARA-R500S block diagram |