전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SARA-R5 데이터시트(PDF) 18 Page - u-blox AG

부품명 SARA-R5
상세설명  LTE-M / NB-IoT modules with secure cloud
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  U-BLOX [u-blox AG]
홈페이지  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R5 데이터시트(HTML) 18 Page - u-blox AG

Back Button SARA-R5 Datasheet HTML 14Page - u-blox AG SARA-R5 Datasheet HTML 15Page - u-blox AG SARA-R5 Datasheet HTML 16Page - u-blox AG SARA-R5 Datasheet HTML 17Page - u-blox AG SARA-R5 Datasheet HTML 18Page - u-blox AG SARA-R5 Datasheet HTML 19Page - u-blox AG SARA-R5 Datasheet HTML 20Page - u-blox AG SARA-R5 Datasheet HTML 21Page - u-blox AG SARA-R5 Datasheet HTML 22Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
SARA-R5 series - Data sheet
UBX-19016638 - R06
Interfaces
Page 18 of 43
C1-Public
2.7 GPIO
SARA-R5 series modules include pins that can be configured as general purpose input/output or to
provide custom functions as summarized in Table 4. For further details, see the SARA-R5 series
system integration manual [2] and the SARA-R5 series AT commands manual [1], +UGPIOC,
+UGPIOR, +UGPIOW, +UTEST AT commands).
Function
Description
Default GPIO
Configurable GPIOs
General purpose
output
Output to set high or low digital level
-
GPIO1, GPIO2, GPIO3,
GPIO4, GPIO5, GPIO6
General purpose input Input to sense high or low digital level
-
GPIO1, GPIO2, GPIO3,
GPIO4, GPIO5, GPIO6
Network status
indication
Output indicating cellular network status: registered, data
transmission, no service
-
GPIO1, GPIO2, GPIO3,
GPIO4, GPIO5, GPIO6
External GNSS supply
enable 5
Output to enable/disable the supply of an external u-blox
GNSS receiver connected to the cellular module by the DDC
(I2C) interface
-
GPIO2 5
External GNSS data
ready 5
Input to sense when an external u-blox GNSS receiver
connected to the module is ready for sending data over the
DDC (I2C) interface
-
GPIO3 5
SIM card detection
Input for SIM card physical presence detection, to optionally
enable / disable SIM interface upon detection of external
SIM card physical insertion / removal
-
GPIO5
Module status
indication
Output indicating module status: power-off or deep-sleep
mode versus idle, active or connected mode
-
GPIO1, GPIO2, GPIO3,
GPIO4, GPIO5, GPIO6
Module operating
mode indication
Output indicating module operating mode: power-off,
deep-sleep or idle mode versus active or connected mode
-
GPIO1, GPIO2, GPIO3,
GPIO4, GPIO5, GPIO6
Ring indicator
Output providing events indicator
-
GPIO1, GPIO2, GPIO3,
GPIO4, GPIO5, GPIO6
Last gasp
Input to trigger last gasp notification
-
GPIO1, GPIO2, GPIO3,
GPIO4, GPIO5, GPIO6
Time pulse output
Output providing accurate time reference, as a sequence
with 1 PPS or as single time pulse, based on the GNSS
system or the LTE system
-
GPIO6
Time stamp of external
interrupt
Input triggering via interrupt the generation of an URC time
stamp over AT serial interface
-
EXT_INT
Fast power-off
Input to trigger emergency fast and safe shutdown of the
module (as triggered by AT+CFUN=10 command)
-
GPIO1, GPIO2, GPIO3,
GPIO4, GPIO5, GPIO6
External GNSS time
pulse 5
Input to receive an accurate time reference, as a sequence
with 1 PPS from an external GNSS system
-
SDIO_CMD
External GNSS time
stamp of external
interrupt 5
Output triggering via interrupt the generation of an URC
time stamp from an external GNSS system
-
GPIO4
Pin disabled
Tri-state with an internal active pull-down enabled
GPIO1, GPIO2, GPIO3,
GPIO4, GPIO5, GPIO6,
EXT_INT, SDIO_CMD
GPIO1, GPIO2, GPIO3,
GPIO4, GPIO5, GPIO6,
EXT_INT, SDIO_CMD
Antenna dynamic
tuning
Output for real time control of an antenna tuning IC
according to the LTE band used by the module
-
I2S_TXD, I2S_WA
Table 4: GPIO custom functions configuration
5 SARA-R500S and SARA-R510S modules only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43