전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SARA-R5 데이터시트(PDF) 14 Page - u-blox AG

부품명 SARA-R5
상세설명  LTE-M / NB-IoT modules with secure cloud
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  U-BLOX [u-blox AG]
홈페이지  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R5 데이터시트(HTML) 14 Page - u-blox AG

Back Button SARA-R5 Datasheet HTML 10Page - u-blox AG SARA-R5 Datasheet HTML 11Page - u-blox AG SARA-R5 Datasheet HTML 12Page - u-blox AG SARA-R5 Datasheet HTML 13Page - u-blox AG SARA-R5 Datasheet HTML 14Page - u-blox AG SARA-R5 Datasheet HTML 15Page - u-blox AG SARA-R5 Datasheet HTML 16Page - u-blox AG SARA-R5 Datasheet HTML 17Page - u-blox AG SARA-R5 Datasheet HTML 18Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
SARA-R5 series - Data sheet
UBX-19016638 - R06
Interfaces
Page 14 of 43
C1-Public
2.3.3 Module reset
SARA-R5 series modules can be reset (re-booted), saving current parameter settings in the module’s
non-volatile memory and performing a proper network detach, by:
AT+CFUN command (see the SARA-R5 series AT commands manual [1]). This causes a graceful
software reset of the module.
An abrupt software reset of the module is executed by applying a low pulse at the RESET_N input pin,
which is normally set high by an internal pull-up, for a valid time period (see section 4.2.7). The current
parameter settings are not saved in the module’s non-volatile memory and a proper network detach
is not performed.
The RESET_N line is intended to be driven by open drain, open collector or contact switch.
☞ It is recommended to provide accessible test point directly connected to the RESET_N input pin.
An abrupt emergency hardware reset of the modules, without storage of the current parameter
settings in the module’s non-volatile memory and without proper network detach procedure, can be
triggered by:
Forcing a low pulse at the PWR_ON input pin, for a valid time period (see section 4.2.6, module
abrupt emergency hardware reset)
2.4 SIM
2.4.1
SIM interface
SARA-R5 series modules provide on the VSIM, SIM_IO, SIM_CLK, SIM_RST pins an interface to
connect an external SIM card/chip. Both 1.8 V and 3.0 V SIM types are supported. Activation and
deactivation with an automatic voltage switch from 1.8 V to 3.0 V is implemented according to the
ISO-IEC 7816-3 specifications.
2.4.2 SIM detection
The GPIO5 pin of SARA-R5 series modules is a 1.8 V digital input which can be configured as an
external interrupt to detect the SIM card presence (as a feature which can be optionally used), as
intended to be properly connected to the mechanical switch of an external SIM card holder.
For more details, see the SARA-R5 series system integration manual [2] and the SARA-R5 series AT
commands manual [1].
2.5 Serial communication
The SARA-R5 series provides the following serial communication interfaces:
UART interfaces, available for communications with host application processor (2.5.1)
USB 2.0 compliant interface, available for diagnostics only (2.5.2)
SPI interfaces, available for communications with external SPI devices and for diagnostic (2.5.3)
SDIO interface, available for communications with external SDIO devices (2.5.4)
DDC (I2C bus compatible) interface, available for communications with external I2C devices (2.5.5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43