전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SARA-R5 데이터시트(PDF) 22 Page - u-blox AG

부품명 SARA-R5
상세설명  LTE-M / NB-IoT modules with secure cloud
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  U-BLOX [u-blox AG]
홈페이지  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R5 데이터시트(HTML) 22 Page - u-blox AG

Back Button SARA-R5 Datasheet HTML 18Page - u-blox AG SARA-R5 Datasheet HTML 19Page - u-blox AG SARA-R5 Datasheet HTML 20Page - u-blox AG SARA-R5 Datasheet HTML 21Page - u-blox AG SARA-R5 Datasheet HTML 22Page - u-blox AG SARA-R5 Datasheet HTML 23Page - u-blox AG SARA-R5 Datasheet HTML 24Page - u-blox AG SARA-R5 Datasheet HTML 25Page - u-blox AG SARA-R5 Datasheet HTML 26Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
SARA-R5 series - Data sheet
UBX-19016638 - R06
Pin definition
Page 22 of 43
C1-Public
No
Name
Power
domain
I/O
Description
Remarks
30
GND
-
N/A
Ground
All the GND pins must be connected to ground.
31
ANT_GNSS
-
I
GNSS antenna 7
RF input for GNSS Rx antenna.
50 Ω nominal impedance.
See section 2.2.2 and Table 2 for functional description.
32
GND
-
N/A
Ground
All the GND pins must be connected to ground.
33
EXT_INT
GDI
I
External interrupt
Configurable as interrupt input triggering the generation
of an URC time stamp.
See section 2.7 for functional description.
See section 4.2.9 for detailed electrical specs.
34
I2S_WA
GDI
O
I2S word alignment /
Pin for antenna
dynamic tuning
I2S not supported by “00” products version.
Configurable as pin for antenna dynamic tuning.
See section 2.7 for functional description.
See section 4.2.9 for detailed electrical specs.
35
I2S_TXD
GDI
O
I2S transmit data /
Pin for antenna
dynamic tuning
I2S not supported by “00” products version.
Configurable as pin for antenna dynamic tuning.
See section 2.7 for functional description.
See section 4.2.9 for detailed electrical specs.
36
I2S_CLK
GDI
O
I2S clock
I2S not supported by “00” products version.
37
I2S_RXD
GDI
I
I2S receive data
I2S not supported by “00” products version.
38
SIM_CLK
SIM
O
SIM clock
See section 2.4.1 for functional description.
See section 4.2.8 for detailed electrical specs.
39
SIM_IO
SIM
I/O
SIM data
See section 2.4.1 for functional description.
See section 4.2.8 for detailed electrical specs.
40
SIM_RST
SIM
O
SIM reset
See section 2.4.1 for functional description.
See section 4.2.8 for detailed electrical specs.
41
VSIM
-
O
SIM supply output
See section 2.4.1 for functional description.
See section 4.2.8 for detailed electrical specs.
42
GPIO5
GDI
I/O
GPIO /
SIM card detection
Configurable GPIO, alternatively configurable as pin for
SIM card detection.
See sections 2.4.2 and 2.7 for functional description.
See section 4.2.9 for detailed electrical specs.
43
GND
-
N/A
Ground
All the GND pins must be connected to ground.
44
SDIO_D2
GDI
I/O
SDIO serial data [2] /
SPI_CLK
SDIO not supported by “00” products version.
The pin is alternatively configurable as SPI_CLK, for
diagnostic purpose only.
45
SDIO_CLK
GDI
O
SDIO serial clock
SDIO not supported by “00” products version.
46
SDIO_CMD
GDI
I/O
SDIO command /
External GNSS time
pulse input 8
SDIO not supported by “00” products version.
Configurable as input for external GNSS time pulse.
See section 2.7 for functional description.
See section 4.2.9 for detailed electrical specs.
47
SDIO_D0
GDI
I/O
SDIO serial data [0] /
SPI_MOSI
SDIO not supported by “00” products version.
The pin is alternatively configurable as SPI_MOSI, for
diagnostic purpose only.
48
SDIO_D3
GDI
I/O
SDIO serial data [3] /
SPI_CS
SDIO not supported by “00” products version.
The pin is alternatively configurable as SPI_CS, for
diagnostic purpose only.
49
SDIO_D1
GDI
I/O
SDIO serial data [1] /
SPI_MISO
SDIO not supported by “00” products version.
The pin is alternatively configurable as SPI_MISO, for
diagnostic purpose only.
7 Not supported by SARA-R500S and SARA-R510S modules
8 Not supported by SARA-R510M8S modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43