| 전자부품 데이터시트 검색엔진 |
|
STM32F722ICT7TR 데이터시트(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F722ICT7TR 데이터시트(HTML) 65 Page - STMicroelectronics |
|
65 / 229 page ![]() - - 20 L3 26 - - L3 G3 20 26 PF8 I/O FT - SPI5_MISO, SAI1_SCK_B, UART7_RTS, TIM13_CH1, QUADSPI_BK1_IO0, EVENTOUT ADC3_IN6 - - 21 L2 27 - - L2 G2 21 27 PF9 I/O FT - SPI5_MOSI, SAI1_FS_B, UART7_CTS, TIM14_CH1, QUADSPI_BK1_IO1, EVENTOUT ADC3_IN7 - - 22 L1 28 - - L1 G1 22 28 PF10 I/O FT - EVENTOUT ADC3_IN8 5 12 23 G1 29 12 G10 G1 D1 23 29 PH0-OSC_IN I/O FT (5) EVENTOUT OSC_IN 6 13 24 H1 30 13 H10 H1 E1 24 30 PH1-OSC_OUT I/O FT (5) EVENTOUT OSC_OUT 7 14 25 J1 31 14 G9 J1F125 31 NRST I/O RS T -- - 8 15 26 M2 32 15 F8 M2 H12632 PC0 I/O FT (4) SAI2_FS_B, OTG_HS_ULPI_STP, FMC_SDNWE, EVENTOUT ADC1_IN10, ADC2_IN10, ADC3_IN10 9 16 27 M3 33 16 H9 M3 H22733 PC1 I/O FT - TRACED0, SPI2_MOSI/I2S2_SD, SAI1_SD_A, EVENTOUT ADC1_IN11, ADC2_IN11, ADC3_IN11, RTC_TAMP3, WKUP3 Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F722xx STM32F723xx |