| 전자부품 데이터시트 검색엔진 |
|
STM32F722ICT7TR 데이터시트(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F722ICT7TR 데이터시트(HTML) 71 Page - STMicroelectronics |
|
71 / 229 page ![]() - 44 67 P11 77 44 K4 P11 L8 67 77 PE14 I/O FT - TIM1_CH4, SPI4_MOSI, SAI2_MCK_B, FMC_D11,, EVENTOUT - - 45 68 R11 78 45 F4 R11 M8 68 78 PE15 I/O FT - TIM1_BKIN, FMC_D12, EVENTOUT - 28 46 69 R12 79 46 G3 R12 M9 69 79 PB10 I/O FTf (4) TIM2_CH3, I2C2_SCL, SPI2_SCK/I2S2_CK, USART3_TX, OTG_HS_ULPI_D3, EVENTOUT - 29 47 70 R13 80 47 H3 R13 M10 70 80 PB11 I/O FTf (4) TIM2_CH4, I2C2_SDA, USART3_RX, OTG_HS_ULPI_D4, EVENTOUT - 30 48 71 M10 81 48 J3 M10 H7 71 81 VCAP_1 S - - - - 31 49 - - - 49 K3 - - - - VSS S - - - - 32 50 72 N10 82 50 K2 N10 G7 72 82 VDD S - - - - -- - M11 83 - - M11 - - 83 PH6 I/O FT - I2C2_SMBA, SPI5_SCK, TIM12_CH1, FMC_SDNE1, EVENTOUT - - - - N12 84 - - N12 - - 84 PH7 I/O FTf - I2C3_SCL, SPI5_MISO, FMC_SDCKE1, EVENTOUT - - - - M12 85 - - M12 - - 85 PH8 I/O FTf - I2C3_SDA, FMC_D16, EVENTOUT - Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F722xx STM32F723xx |