| 전자부품 데이터시트 검색엔진 |
|
STM32F722ICT7TR 데이터시트(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F722ICT7TR 데이터시트(HTML) 76 Page - STMicroelectronics |
|
76 / 229 page ![]() 39 65 98 G14 117 65 D2 G14 F11 98 117 PC8 I/O FT - TRACED1, TIM3_CH3, TIM8_CH3, UART5_RTS, USART6_CK, SDMMC1_D0, EVENTOUT - 40 66 99 F14 118 66 D1 F14 E11 99 118 PC9 I/O FTf - MCO2, TIM3_CH4, TIM8_CH4, I2C3_SDA, I2S_CKIN, UART5_CTS, QUADSPI_BK1_IO0, SDMMC1_D1, EVENTOUT - 41 67 100 F15 119 67 D3 F15 E12 100 119 PA8 I/O FTf - MCO1, TIM1_CH1, TIM8_BKIN2, I2C3_SCL, USART1_CK, OTG_FS_SOF, EVENTOUT - 42 68 101 E15 120 68 C3 E15 D12 101 120 PA9 I/O FT - TIM1_CH2, I2C3_SMBA, SPI2_SCK/I2S2_CK, USART1_TX, EVENTOUT OTG_FS_VBUS 43 69 102 D15 121 69 C2 D15 D11 102 121 PA10 I/O FT - TIM1_CH3, USART1_RX, OTG_FS_ID, EVENTOUT - 44 70 103 C15 122 70 C1 C15 C12 103 122 PA11 I/O FT - TIM1_CH4, USART1_CTS, CAN1_RX, OTG_FS_DM, EVENTOUT - 45 71 104 B15 123 71 B2 B15 B12 104 123 PA12 I/O FT - TIM1_ETR, USART1_RTS, SAI2_FS_B, CAN1_TX, OTG_FS_DP, EVENTOUT - 46 72 105 A15 124 72 B1 A15 A12 105 124 PA13(JTMS- SWDIO) I/O FT - JTMS-SWDIO, EVENTOUT - Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F722xx STM32F723xx |