전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F722ICT7TR 데이터시트(PDF) 78 Page - STMicroelectronics

부품명 STM32F722ICT7TR
상세설명  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722ICT7TR 데이터시트(HTML) 78 Page - STMicroelectronics

Back Button STM32F722ICT7TR Datasheet HTML 74Page - STMicroelectronics STM32F722ICT7TR Datasheet HTML 75Page - STMicroelectronics STM32F722ICT7TR Datasheet HTML 76Page - STMicroelectronics STM32F722ICT7TR Datasheet HTML 77Page - STMicroelectronics STM32F722ICT7TR Datasheet HTML 78Page - STMicroelectronics STM32F722ICT7TR Datasheet HTML 79Page - STMicroelectronics STM32F722ICT7TR Datasheet HTML 80Page - STMicroelectronics STM32F722ICT7TR Datasheet HTML 81Page - STMicroelectronics STM32F722ICT7TR Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 229 page
background image
-
-
-
C9
136
-
-
C9
-
-
136
VDD
S
-
-
-
-
49
76
109 A14 137
76
C4
A14 A11
109 137
PA14(JTCK-
SWCLK)
I/O
FT
-
JTCK-SWCLK, EVENTOUT
-
50
77
110 A13 138
77
B4
A13 A10
110 138
PA15(JTDI)
I/O
FT
-
JTDI, TIM2_CH1/TIM2_ETR,
SPI1_NSS/I2S1_WS,
SPI3_NSS/I2S3_WS,
UART4_RTS, EVENTOUT
-
51
78
111 B14 139
78
A3
B14 B11
111
139
PC10
I/O
FT
-
SPI3_SCK/I2S3_CK,
USART3_TX, UART4_TX,
QUADSPI_BK1_IO1,
SDMMC1_D2, EVENTOUT
-
52
79
112 B13 140
79
C5
B13 B10
112 140
PC11
I/O
FT
-
SPI3_MISO, USART3_RX,
UART4_RX,
QUADSPI_BK2_NCS,
SDMMC1_D3, EVENTOUT
-
53
80
113 A12 141
80
D5
A12 C10 113 141
PC12
I/O
FT
-
TRACED3,
SPI3_MOSI/I2S3_SD,
USART3_CK, UART5_TX,
SDMMC1_CK, EVENTOUT
-
-
81
114 B12 142
81
B5
B12 E10
114 142
PD0
I/O
FT
-
CAN1_RX, FMC_D2,
EVENTOUT
-
-
82
115 C12 143
82
A4
C12 D10 115 143
PD1
I/O
FT
-
CAN1_TX, FMC_D3,
EVENTOUT
-
Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions
STM32F722xx
STM32F723xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More