| 전자부품 데이터시트 검색엔진 |
|
STM32F722RCK7TR 데이터시트(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F722RCK7TR 데이터시트(HTML) 68 Page - STMicroelectronics |
|
68 / 229 page ![]() 19 27 39 K4 49 27 - K4 F4 39 49 VDD S - - - - 20 28 40 N4 50 28 G7 N4 J3 40 50 PA4 I/O TTa - SPI1_NSS/I2S1_WS, SPI3_NSS/I2S3_WS, USART2_CK, OTG_HS_SOF, EVENTOUT ADC1_IN4, ADC2_IN4, DAC_OUT1 21 29 41 P4 51 29 F6 P4 K3 41 51 PA5 I/O TTa (4) TIM2_CH1/TIM2_ETR, TIM8_CH1N, SPI1_SCK/I2S1_CK, OTG_HS_ULPI_CK, EVENTOUT ADC1_IN5, ADC2_IN5, DAC_OUT2 22 30 42 P3 52 30 G6 P3 L3 42 52 PA6 I/O FT - TIM1_BKIN, TIM3_CH1, TIM8_BKIN, SPI1_MISO, TIM13_CH1, EVENTOUT ADC1_IN6, ADC2_IN6 23 31 43 R3 53 31 K7 R3 M3 43 53 PA7 I/O FT - TIM1_CH1N, TIM3_CH2, TIM8_CH1N, SPI1_MOSI/I2S1_SD, TIM14_CH1, FMC_SDNWE, EVENTOUT ADC1_IN7, ADC2_IN7 24 32 44 N5 54 32 H6 N5 J4 44 54 PC4 I/O FT - I2S1_MCK, FMC_SDNE0, EVENTOUT ADC1_IN14, ADC2_IN14 - 33 45 P5 55 33 J6 P5 K4 45 55 PC5 I/O FT - FMC_SDCKE0, EVENTOUT ADC1_IN15, ADC2_IN15 Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F722xx STM32F723xx |