전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F722RCK7TR 데이터시트(PDF) 82 Page - STMicroelectronics

부품명 STM32F722RCK7TR
상세설명  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722RCK7TR 데이터시트(HTML) 82 Page - STMicroelectronics

Back Button STM32F722RCK7TR Datasheet HTML 78Page - STMicroelectronics STM32F722RCK7TR Datasheet HTML 79Page - STMicroelectronics STM32F722RCK7TR Datasheet HTML 80Page - STMicroelectronics STM32F722RCK7TR Datasheet HTML 81Page - STMicroelectronics STM32F722RCK7TR Datasheet HTML 82Page - STMicroelectronics STM32F722RCK7TR Datasheet HTML 83Page - STMicroelectronics STM32F722RCK7TR Datasheet HTML 84Page - STMicroelectronics STM32F722RCK7TR Datasheet HTML 85Page - STMicroelectronics STM32F722RCK7TR Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 229 page
background image
59
93
137
B5
165
93
B8
B5
D6
137 165
PB7
I/O
FTf
-
TIM4_CH2, I2C1_SDA,
USART1_RX, FMC_NL,
EVENTOUT
-
60
94
138
D6
166
94
A7
D6
D5
138 166
BOOT
I
B
-
-
VPP
61
95
139
A5
167
95
C8
A5
C5
139 167
PB8
I/O
FTf
-
TIM4_CH3, TIM10_CH1,
I2C1_SCL, CAN1_RX,
SDMMC2_D4, SDMMC1_D4,
EVENTOUT
-
62
96
140
B4
168
96
D8
B4
B5
140 168
PB9
I/O
FTf
-
TIM4_CH4, TIM11_CH1,
I2C1_SDA, SPI2_NSS/I2S2_WS,
CAN1_TX, SDMMC2_D5,
SDMMC1_D5, EVENTOUT
-
-
97
141
A4
169
97
E7
A4
A5
141 169
PE0
I/O
FT
-
TIM4_ETR, LPTIM1_ETR,
UART8_Rx, SAI2_MCK_A,
FMC_NBL0, EVENTOUT
-
-
98
142
A3
170
98
B9
A3
A4
142 170
PE1
I/O
FT
-
LPTIM1_IN2, UART8_Tx,
FMC_NBL1, EVENTOUT
-
63
99
-
D5
-
99
A8
D5
E6
-
-
VSS
S
-
-
-
-
Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions
STM32F722xx
STM32F723xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More