전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F722RCK7TR 데이터시트(PDF) 81 Page - STMicroelectronics

부품명 STM32F722RCK7TR
상세설명  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722RCK7TR 데이터시트(HTML) 81 Page - STMicroelectronics

Back Button STM32F722RCK7TR Datasheet HTML 77Page - STMicroelectronics STM32F722RCK7TR Datasheet HTML 78Page - STMicroelectronics STM32F722RCK7TR Datasheet HTML 79Page - STMicroelectronics STM32F722RCK7TR Datasheet HTML 80Page - STMicroelectronics STM32F722RCK7TR Datasheet HTML 81Page - STMicroelectronics STM32F722RCK7TR Datasheet HTML 82Page - STMicroelectronics STM32F722RCK7TR Datasheet HTML 83Page - STMicroelectronics STM32F722RCK7TR Datasheet HTML 84Page - STMicroelectronics STM32F722RCK7TR Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 229 page
background image
-
-
131
C7
159
-
-
C7
F6
131 159
VDD
S
-
-
-
-
-
-
132
B7
160
-
-
B7
B7
132 160
PG15
I/O
FT
-
USART6_CTS, FMC_SDNCAS,
EVENTOUT
-
55
89
133 A10 161
89
A6
A10
A7
133 161
PB3(JTDO/TRA
CESWO)
I/O
FT
-
JTDO/TRACESWO, TIM2_CH2,
SPI1_SCK/I2S1_CK,
SPI3_SCK/I2S3_CK,
SDMMC2_D2, EVENTOUT
-
56
90
134
A9
162
90
B7
A9
A6
134 162
PB4(NJTRST)
I/O
FT
-
NJTRST, TIM3_CH1,
SPI1_MISO, SPI3_MISO,
SPI2_NSS/I2S2_WS,
SDMMC2_D3, EVENTOUT
-
57
91
135
A6
163
91
C7
A6
B6
135 163
PB5
I/O
FT
(4)
TIM3_CH2, I2C1_SMBA,
SPI1_MOSI/I2S1_SD,
SPI3_MOSI/I2S3_SD,
OTG_HS_ULPI_D7,
FMC_SDCKE1, EVENTOUT
-
58
92
136
B6
164
92
D7
B6
C6
136 164
PB6
I/O
FTf
-
TIM4_CH1, I2C1_SCL,
USART1_TX,
QUAD SPI_BK1_NCS,
FMC_SDNE1, EVENTOUT
-
Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions
STM32F722xx
STM32F723xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More