| 전자부품 데이터시트 검색엔진 |
|
STM32F722RCK7TR 데이터시트(PDF) 90 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F722RCK7TR 데이터시트(HTML) 90 Page - STMicroelectronics |
|
90 / 229 page ![]() Port A PA12 - TIM1_ETR - - - - - USART1_RT S SAI2_FS_B CAN1_TX OTG_FS_D P -- EVEN TOUT PA13 JTMS- SWDIO -- - - -- - - - - - - EVEN TOUT PA14 JTCK- SWCLK -- - - -- - - - - - - EVEN TOUT PA15 JTDI TIM2_CH1 /TIM2_ET R -- - SPI1_NSS /I2S1_WS SPI3_NSS /I2S3_WS - UART4_RTS - - - - EVEN TOUT Port B PB0 - TIM1_CH2 N TIM3_CH3 TIM8_CH2 N - - - - UART4_CTS - OTG_HS_U LPI_D1 -- EVEN TOUT PB1 - TIM1_CH3 N TIM3_CH4 TIM8_CH3 N -- - - - - OTG_HS_U LPI_D2 -- EVEN TOUT PB2 - - - - - - SAI1_SD_ A SPI3_MOSI/I 2S3_SD - QUADSPI_ CLK -- - EVEN TOUT PB3 JTDO/TR ACESWO TIM2_CH2 - - - SPI1_SCK /I2S1_CK SPI3_SCK /I2S3_CK -- - SDMMC2_ D2 -- EVEN TOUT PB4 NJTRST - TIM3_CH1 - - SPI1_MIS O SPI3_MIS O SPI2_NSS/I2 S2_WS -- SDMMC2_ D3 -- EVEN TOUT PB5 - - TIM3_CH2 - I2C1_SMB A SPI1_MO SI/I2S1_S D SPI3_MO SI/I2S3_S D -- - OTG_HS_U LPI_D7 - FMC_SDC KE1 EVEN TOUT PB6 - - TIM4_CH1 - I2C1_SCL - - USART1_TX - - QUADSPI_ BK1_NCS - FMC_SDN E1 EVEN TOUT PB7 - - TIM4_CH2 - I2C1_SDA - - USART1_RX - - - - FMC_NL EVEN TOUT PB8 - - TIM4_CH3 TIM10_CH 1 I2C1_SCL - - - - CAN1_RX SDMMC2_ D4 - SDMMC1 _D4 EVEN TOUT Table 12. STM32F722xx and STM32F723xx alternate function mapping (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF15 SYS TIM1/2 TIM3/4/5 TIM8/9/10/1 1/LPTIM1 I2C1/2/3/U SART1 SPI1/I2S1/ SPI2/I2S2/ SPI3/I2S3/ SPI4/5 SPI2/I2S2/ SPI3/I2S3/ SPI3/I2S3/ SAI1/ UART4 SPI2/I2S2/S PI3/I2S3/US ART1/2/3/UA RT5 SAI2/USART 6/UART4/5/7/ 8/OTG1_FS CAN1/TIM1 2/13/14/QU ADSPI/ FMC/ OTG2_HS SAI2/QUAD SPI/SDMM C2/OTG2_ HS/OTG1_ FS SDMMC2 UART7/F MC/SDM MC1/ OTG2_FS SYS |