| 전자부품 데이터시트 검색엔진 |
|
HD404816FS 데이터시트(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404816FS 데이터시트(HTML) 14 Page - Renesas Technology Corp |
|
14 / 100 page ![]() HD404818 Series 12 0 $000 $000 63 64 80 112 959 960 1023 $03F $040 $050 $070 $3FF 4 5 6 7 0 1 2 3 12 13 14 15 8 9 10 11 16 17 32 35 48 18 19 20 49 50 51 63 $001 $002 $003 $004 $005 $006 $007 $008 $009 $00A $00B $00C $00D $00E $00F $010 $011 $012 $013 $014 $020 $023 $030 $031 $032 $033 $03B $03C $03D $03F $00A $00B $00E $00F W W R/W W W W W W W W W W W W W W W W W W R R R R W R/W R/W R/W R/W R/W R/W $100 $2CF 61 59 60 $3BF $3C0 $2CF RAM-mapped registers Memory registers (MR) LCD display area (32 digits) Data (144 digits) Data (464 digits 2) V = 0 (bank 0) V = 1 (bank 1) Not used Stack (64 digits) Interrupt control bits area Port mode register A (PMRA) Serial mode register (SMR) Serial data register lower (SRL) Serial data register upper (SRU) Timer mode register A (TMA) Timer mode register B (TMB) Timer B (TCBL/TLRL) (TCBU/TLRU) Miscellaneous register (MIS) Timer mode register C (TMC) Timer C (TCCL/TCRL) (TCCU/TCRU) Not used Not used Port mode register B (PMRB) LCD control register (LCR) LCD mode register (LMR) Not used Register flag area Not used Port R0 DCR (DCR0) Port R1 DCR (DCR1) Port R2 DCR (DCR2) Port R3 DCR (DCR3) Not used Port D –D DCR (DCRB) Port D –D DCR (DCRC) Port D –D DCR (DCRD) Not used V register (V-REG) 03 47 89 Data (464 digits) V = 1 (bank 1) Data (464 digits) V = 0 (bank 0) Note: Do not use any area labelled "Not used". 10 11 14 15 Timer counter B lower (TCBL) Timer counter B upper (TCBU) Timer counter C lower (TCCL) Timer counter C upper (TCCU) Timer load register B lower (TLRL) Timer load register B upper (TLRU) Timer load register C lower (TCRL) Timer load register C upper (TCRU) R: W: R/W: × $100 Read only Write only Read/write The data area has two banks: bank 0 (V = 0) and bank 1 (V = 1) Figure 2 RAM Memory Map (1,184-digit × 4-bit) |