| 전자부품 데이터시트 검색엔진 |
|
HD404816FS 데이터시트(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404816FS 데이터시트(HTML) 30 Page - Renesas Technology Corp |
|
30 / 100 page ![]() HD404818 Series 28 Reset f : f : : : : CPU CLK PER OSC X Operating Operating Stopped f f cyc cyc f : f : : : : CPU CLK PER OSC X Operating Operating Stopped f f SUB cyc f : f : : : : CPU CLK PER OSC X Operating Operating f f f cyc cyc cyc f : f : : : : CPU CLK PER OSC X Operating Operating f f f cyc SUB cyc f : f : : : : CPU CLK PER OSC X Stopped Operating f f f SUB SUB SUB f : f : : : : CPU CLK PER OSC X Stopped Operating Stopped Stopped Stopped f : f : : : : CPU CLK PER OSC X Stopped Operating Stopped f Stopped SUB f : f : : : : CPU CLK PER OSC X Stopped Operating Stopped f Stopped SUB Standby mode Stop mode (TMA3 = 0) Watch mode Subactive mode (TMA3 = 1) (TMA3 = 1, LSON = 0) (TMA3 = 1, LSON = 1) (TMA3 = 0) SBY (standby) Interrupt Timers A, B, C Serial, INT , INT 0 1 SBY (standby) Interrupt STOP STOP INT , Timer A 0 1 INT , Timer A 0 1 STOP STOP/SBY (LSON = 1) 4 2 3 1. Time-base interrupt 2. STOP/SBY (DTON = 1, LSON = 0) 3. STOP/SBY (DTON = 0, LSON = 0) 4. DTON is not affected f : f : f : f : : : : LSON: DTON: cyc SUB OSC X Main oscillation frequency Suboscillation frequency for time-base f /4 f /8 System clock Clock for time-base Clock for other peripheral functions Low speed on flag Direct transfer on flag OSC X CPU CLK PER Active mode Timers A, B, C Serial, INT , INT 0 1 ø ø ø ø ø ø ø ø ø ø ø ø ø ø ø ø ø ø ø ø ø ø ø ø Notes: ø ø ø * * * * * Figure 9 MCU Status Transitions Active Mode: The MCU operates according to the clock generated by the system oscillators OSC 1 and OSC 2. Standby Mode: The MCU enters standby mode when the SBY instruction is executed from active mode. In this mode, the oscillators, interrupts, timer/counters, and serial interface continue to operate, but all instruction execution-related clocks stop. The stopping of these clocks stops the CPU, retaining all RAM and register contents and maintaining the current I/O pin status. Standby mode is terminated by a RESET input oran interrupt request. If it is terminated by a RESET input, the MCU is reset as well. After an interrupt request, the MCU enters active mode and resumes, executing |