전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F52105BDFN 데이터시트(PDF) 3 Page - Renesas Technology Corp

부품명 R5F52105BDFN
상세설명  50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52105BDFN 데이터시트(HTML) 3 Page - Renesas Technology Corp

  R5F52105BDFN Datasheet HTML 1Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 2Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 3Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 4Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 5Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 6Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 7Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 8Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 223 page
background image
R01DS0041EJ0150 Rev.1.50
Page 3 of 221
Oct 18, 2013
RX210 Group
1. Overview
Low power
consumption
Low power consumption
facilities
 Module stop function
 Four low power consumption modes
Sleep mode, all-module clock stop mode, software standby mode, and deep software standby mode
Function for lower operating
power consumption
 Operating power control modes
[Chip versions A and C]
High-speed operating mode, middle-speed operating mode 1A, middle-speed operating mode 1B,
low-speed operating mode 1, low-speed operating mode 2
[Chip version B]
High-speed operating mode, middle-speed operating mode 1A, middle-speed operating mode 1B,
middle-speed operating mode 2A, middle-speed operating mode 2B, low-speed operating mode 1,
low-speed operating mode 2
Interrupt
Interrupt controller (ICUb)
 Interrupt vectors: 167
 External interrupts: 9 (NMI, IRQ0 to IRQ7 pins)
 Non-maskable interrupts: 6 (the NMI pin, oscillation stop detection interrupt, voltage monitoring 1
interrupt, voltage monitoring 2 interrupt, WDT interrupt, and IWDT interrupt)
 16 levels specifiable for the order of priority
External bus extension
 The external address space can be divided into four areas (CS0 to CS3), each with independent
control of access settings.
Capacity of each area: 16 Mbytes (CS0 to CS3)
A chip-select signal (CS0# to CS3#) can be output for each area.
Each area is specifiable as an 8-bit or 16-bit bus space
The data arrangement in each area is selectable as little or big endian (only for data).
Bus format: Separate bus, multiplex bus
 Wait control
 Write buffer facility
DMA
DMA controller (DMACA)
 4 channels
 Three transfer modes: Normal transfer, repeat transfer, and block transfer
 Activation sources: Software trigger, external interrupts, and interrupt requests from peripheral
functions
Data transfer controller
(DTCa)
 Three transfer modes: Normal transfer, repeat transfer, and block transfer
 Activation sources: Interrupts
 Chain transfer function
I/O ports
General I/O ports
145-pin/144-pin/100-pin/80-pin/69-pin/64-pin/48-pin
 I/O: 122/122/84/64/48/48/34
 Input: 1/1/1/1/1/1/1
 Pull-up resistors: 122/122/84/64/48/48/34
 Open-drain outputs: 76/76/54/44/35/35/26
 5-V tolerance:4/4/4/4/2/2*1/2
Event link controller (ELC)
 Event signals of 59 types can be directly connected to the module
 Operations of timer modules are selectable at event input
 Capable of event link operation for ports B and E
Multi-function pin controller (MPC)
 Capable of selecting input/output function from multiple pins
Table 1.1
Outline of Specifications (2 / 5)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com