전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F52105BDFN 데이터시트(PDF) 8 Page - Renesas Technology Corp

부품명 R5F52105BDFN
상세설명  50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52105BDFN 데이터시트(HTML) 8 Page - Renesas Technology Corp

Back Button R5F52105BDFN Datasheet HTML 4Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 5Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 6Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 7Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 8Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 9Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 10Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 11Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 223 page
background image
R01DS0041EJ0150 Rev.1.50
Page 8 of 221
Oct 18, 2013
RX210 Group
1. Overview
1.2
List of Products
Table 1.3 to Table 1.7 are a list of products, and Figure 1.1 shows how to read the product part no., memory capacity,
and package type.
Note: • Orderable part numbers are current as of when this manual was published. Please make sure to refer to the relevant product
page on the Renesas website for the latest part numbers.
Table 1.3
List of Products Chip Version A: D Version (Ta =
40 to +85°C)
Group
Part No.
Orderable Part No.
Package
ROM
Capacity
RAM
Capacity
E2
DataFlash
Operating
Frequency
(Max.)
Operating
Temperature
RX210
R5F52108ADFP
R5F52108ADFP#V0
PLQP0100KB-A
512 Kbytes
64 Kbytes
8 Kbytes
50 MHz
40 to +85°C
R5F52108ADFN
R5F52108ADFN#V0
PLQP0080KB-A
R5F52108ADFM
R5F52108ADFM#V0
PLQP0064KB-A
R5F52108ADLJ
R5F52108ADLJ#U0
PTLG0100JA-A
R5F52107ADFP
R5F52107ADFP#V0
PLQP0100KB-A
384 Kbytes
R5F52107ADFN
R5F52107ADFN#V0
PLQP0080KB-A
R5F52107ADFM
R5F52107ADFM#V0
PLQP0064KB-A
R5F52107ADLJ
R5F52107ADLJ#U0
PTLG0100JA-A
R5F52106ADFP
R5F52106ADFP#V0
PLQP0100KB-A
256 Kbytes
32 Kbytes
R5F52106ADFN
R5F52106ADFN#V0
PLQP0080KB-A
R5F52106ADFM
R5F52106ADFM#V0
PLQP0064KB-A
R5F52106ADLJ
R5F52106ADLJ#U0
PTLG0100JA-A
R5F52105ADFP
R5F52105ADFP#V0
PLQP0100KB-A
128 Kbytes
20 Kbytes
R5F52105ADFN
R5F52105ADFN#V0
PLQP0080KB-A
R5F52105ADFM
R5F52105ADFM#V0
PLQP0064KB-A
R5F52105ADLJ
R5F52105ADLJ#U0
PTLG0100JA-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com