전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F52105BDFN 데이터시트(PDF) 10 Page - Renesas Technology Corp

부품명 R5F52105BDFN
상세설명  50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52105BDFN 데이터시트(HTML) 10 Page - Renesas Technology Corp

Back Button R5F52105BDFN Datasheet HTML 6Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 7Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 8Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 9Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 10Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 11Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 12Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 13Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 223 page
background image
R01DS0041EJ0150 Rev.1.50
Page 10 of 221
Oct 18, 2013
RX210 Group
1. Overview
Note: • Please contact Renesas Electronics sales office for derating of operation under Ta = +85°C to +105°C. Derating is the
systematic reduction of load for the sake of improved reliability.
Note: • Orderable part numbers are current as of when this manual was published. Please make sure to refer to the relevant product
page on the Renesas website for the latest part numbers.
Table 1.5
List of Products Chip Version B: G Version (Ta =
40 to +105°C)
Group
Part No.
Orderable Part No.
Package
ROM
Capacity
RAM
Capacity
E2
DataFlash
Operating
Frequency
(Max.)
Operating
Temperature
RX210
R5F5210BBGFB
R5F5210BBGFB#30
PLQP0144KA-A
1 Mbytes
96 Kbytes
8 Kbytes
50 MHz
40 to +105°C
R5F5210BBGFP
R5F5210BBGFP#30
PLQP0100KB-A
R5F5210ABGFB
R5F5210ABGFB#30
PLQP0144KA-A
768 Kbytes
R5F5210ABGFP
R5F5210ABGFP#30
PLQP0100KB-A
R5F52108BGFB
R5F52108BGFB#30
PLQP0144KA-A
512 Kbytes
64 Kbytes
R5F52107BGFB
R5F52107BGFB#30
PLQP0144KA-A
384 Kbytes
R5F52106BGFB
R5F52106BGFB#30
PLQP0144KA-A
256 Kbytes
32 Kbytes
R5F52106BGFP
R5F52106BGFP#30
PLQP0100KB-A
R5F52106BGFN
R5F52106BGFN#30
PLQP0080KB-A
R5F52106BGFM
R5F52106BGFM#30
PLQP0064KB-A
R5F52106BGFL
R5F52106BGFL#30
PLQP0048KB-A
R5F52106BGFF
R5F52106BGFF#V0
PTLG0100JA-A
R5F52106BGFK
R5F52106BGFK#30
PLQP0064GA-A
R5F52105BGFB
R5F52105BGFB#30
PLQP0144KA-A
128 Kbytes
20 Kbytes
R5F52105BGFP
R5F52105BGFP#30
PLQP0100KB-A
R5F52105BGFN
R5F52105BGFN#30
PLQP0080KB-A
R5F52105BGFM
R5F52105BGFM#30
PLQP0064KB-A
R5F52105BGFL
R5F52105BGFL#30
PLQP0048KB-A
R5F52105BGFF
R5F52105BGFF#V0
PLQP0080JA-A
R5F52105BGFK
R5F52105BGFK#30
PLQP0064GA-A
R5F52104BGFM
R5F52104BGFM#30
PLQP0064KB-A
96 Kbytes
16 Kbytes
R5F52104BGFL
R5F52104BGFL#30
PLQP0048KB-A
R5F52104BGFF
R5F52104BGFF#V0
PLQP0080JA-A
R5F52103BGFM
R5F52103BGFM#30
PLQP0064KB-A
64 Kbytes
12 Kbytes
R5F52103BGFL
R5F52103BGFL#30
PLQP0048KB-A
R5F52103BGFF
R5F52103BGFF#V0
PLQP0080JA-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com