전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F52105BDFN 데이터시트(PDF) 6 Page - Renesas Technology Corp

부품명 R5F52105BDFN
상세설명  50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52105BDFN 데이터시트(HTML) 6 Page - Renesas Technology Corp

Back Button R5F52105BDFN Datasheet HTML 2Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 3Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 4Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 5Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 6Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 7Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 8Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 9Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 223 page
background image
R01DS0041EJ0150 Rev.1.50
Page 6 of 221
Oct 18, 2013
RX210 Group
1. Overview
Note 1. In chip version A of the part numbers below, port P17 is not 5 V tolerant. Therefore there is only one port in these products.
R5F52108ADFM, R5F52107ADFM, R5F52106ADFM, and R5F52105ADFM
Note 2. Please contact Renesas Electronics sales office for derating of operation under Ta = +85°C to +105°C. Derating is the
systematic reduction of load for the sake of improved reliability.
Packages
Chip version A
100-pin TFLGA (PTLG0100JA-A) 7 × 7 mm, 0.65-mm pitch
100-pin LQFP (PLQP0100KB-A) 14 × 14 mm, 0.5-mm pitch
80-pin LQFP (PLQP0080KB-A) 12 × 12 mm, 0.5-mm pitch
64-pin LQFP (PLQP0064KB-A) 10 × 10 mm, 0.5-mm pitch
Chip version B
145-pin TFLGA (PTLG0145KA-A) 7 × 7 mm, 0.5-mm pitch
100-pin TFLGA (PTLG0100JA-A) 7 × 7 mm, 0.65-mm pitch
100-pin TFLGA (PTLG0100KA-A) 5.5 × 5.5 mm, 0.5-mm pitch
64-pin TFLGA (PTLG0064JA-A) 6 × 6 mm, 0.65-mm pitch
144-pin LQFP (PLQP0144KA-A) 20 × 20 mm, 0.5-mm pitch
100-pin LQFP (PLQP0100KB-A) 14 × 14 mm, 0.5-mm pitch
80-pin LQFP (PLQP0080KB-A) 12 × 12 mm, 0.5-mm pitch
80-pin LQFP (PLQP0080JA-A) 14 × 14 mm, 0.65-mm pitch
64-pin LQFP (PLQP0064KB-A) 10 × 10 mm, 0.5-mm pitch
64-pin LQFP (PLQP0064GA-A) 14 × 14 mm, 0.8-mm pitch
48-pin LQFP (PLQP0048KB-A) 7 × 7 mm, 0.5-mm pitch
69-pin WLBGA (SWBG0069LA-A) 3.91 × 4.26mm, 0.40-mm pitch
Chip version C
100-pin TFLGA (PTLG0100JA-A) 7 × 7 mm, 0.65-mm pitch
100-pin LQFP (PLQP0100KB-A) 14 × 14 mm, 0.5-mm pitch
80-pin LQFP (PLQP0080KB-A) 12 × 12 mm, 0.5-mm pitch
80-pin LQFP (PLQP0080JA-A) 14 × 14 mm, 0.65-mm pitch
64-pin LQFP (PLQP0064KB-A) 10 × 10 mm, 0.5-mm pitch
64-pin LQFP (PLQP0064GA-A) 14 × 14 mm, 0.8-mm pitch
On-chip debugging system
E1 emulator (FINE interface)
Table 1.1
Outline of Specifications (5 / 5)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com