전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32WB5MMG 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STM32WB5MMG
상세설명  Bluetooth® Low Energy 5.0 and 802.15.4 module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB5MMG 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button STM32WB5MMG Datasheet HTML 2Page - STMicroelectronics STM32WB5MMG Datasheet HTML 3Page - STMicroelectronics STM32WB5MMG Datasheet HTML 4Page - STMicroelectronics STM32WB5MMG Datasheet HTML 5Page - STMicroelectronics STM32WB5MMG Datasheet HTML 6Page - STMicroelectronics STM32WB5MMG Datasheet HTML 7Page - STMicroelectronics STM32WB5MMG Datasheet HTML 8Page - STMicroelectronics STM32WB5MMG Datasheet HTML 9Page - STMicroelectronics STM32WB5MMG Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Table 1. STM32WB5MMG pin/ball definition
Pin name
Pin name (function after reset)
Pin type
STM32WB5MMG
STM32WB55VGY
1
F6
PA2
I/O
2
G6
PA1
I/O
3
G7
PA0
I/O
4
H8
VREF+
S
5
J9
VSS
S
6
H9
VDDA
S
7
G10
PC3
I/O
8
G9
PC2
I/O
9
G8
PC1
I/O
10
F9
NRST
I/O
11
F10
PB9
I/O
12
F8
PC0
I/O
13
E8
PH3-BOOT0
I/O
14
F7
PB8
I/O
15
C10
VBAT
S
16
F1
VSSSMPS
S
17
D1
VDDSMPS
S
18
D7
PB7
I/O
19
D6
PB5
I/O
20
C7
PB4
I/O
21
A9
PB3
I/O
22
A6
PC10
I/O
23
B6
PC11
I/O
24
C5
PC12
I/O
25
A5
PA13
I/O
26
A3
PA14
I/O
27
A4
PA15
I/O
28
B5
PA10
I/O
29
A2
PA12
I/O
30
A1
PA11
I/O
31
-
VSS
S
32
B3
VDDUSB
S
33
C4
PD0
I/O
34
C3
PD1
I/O
35
C1
PB13
I/O
36
D2
PC6
I/O
37
E2
PB14
I/O
38
F3
PB15
I/O
39
F5
PB6
I/O
40
G5
PC13
I/O
41
G3
PB12
I/O
42
G1
PE4
I/O
45
H5
PC5
I/O
46
J6
PB11
I/O
STM32WB5MMG
Pin description
DS13252 - Rev 1
page 6/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31