| 전자부품 데이터시트 검색엔진 |
|
T1X06000GA-N1-R3 데이터시트(PDF) 37 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
T1X06000GA-N1-R3 데이터시트(HTML) 37 Page - Toshiba Semiconductor |
|
37 / 118 page ![]() 27 T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005 10.2 Startup (Normal) Once the initial operating parameters have been set (Section 10.1), the UPS can be started from a shutdown condition by following these steps: 1. Switch on MCCB1. The ONLINE/FAULT LED will briefly illuminate, then turn off. ONLINE/FAULT LED - Off AC INPUT LED - Steady Green 2. Press and momentarily hold (~2 sec.) the RUN/STOP push button until it beeps. The ONLINE/FAULT LED should glow steady green. ONLINE/FAULT LED - Steady Green AC INPUT LED - Steady Green 3. The UPS is now Online. 10.3 Bypass The UPS can be placed in Bypass by following these steps: NOTE: The UPS can be placed in Bypass mode only if the Input and Output voltage parameters are set the same (e.g. 240 Vin/240 Vout, 208 Vin/208 Vout). Bypass is disabled if the Input and Output voltage parameters are different. UPS is Initially OFF 1. Switch on MCCB1. The ONLINE/FAULT LED will briefly illuminate, then turn off. The UPS is in Bypass. ONLINE/FAULT LED - Off AC INPUT LED - Steady Green (If the AC INPUT LED is Off, then Bypass has been disabled. See 10.3 NOTE.) UPS is Initially ONLINE 1. The Online state will show: ONLINE/FAULT LED - Steady Green AC INPUT LED - Steady Green 2. Press and momentarily hold (~2 sec.) the RUN/STOP push button until it beeps. The ONLINE/FAULT LED will turn off. ONLINE/FAULT LED - Off AC INPUT LED - Steady Green (If the AC INPUT LED is Off, then Bypass has been disabled. See 10.3 NOTE.) |