| 전자부품 데이터시트 검색엔진 |
|
T1X06000GA-N1-R3 데이터시트(PDF) 46 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
T1X06000GA-N1-R3 데이터시트(HTML) 46 Page - Toshiba Semiconductor |
|
46 / 118 page ![]() 36 T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005 13. Control Panel Menu Trees 13.1 Control Panel Navigation and Menu Access See Fig. 9.1 for a detailed description of the LCD display layout and controls for the T1000 UPS. There are four options available under the selection MENU. Only Quick Config and Settings allow the user to change parameter settings. The Menu Trees are laid out in Sections 13.2 – 13.4. Details of the menu entries are listed in “Appendix B: T1000 Menu Table”. |