| 전자부품 데이터시트 검색엔진 |
|
T1X06000GA-N1-R3 데이터시트(PDF) 101 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
T1X06000GA-N1-R3 데이터시트(HTML) 101 Page - Toshiba Semiconductor |
|
101 / 118 page ![]() E-3 T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005 4. CASTER INSTALLATION 1. Lay each module on it’s side so that the display/Name panel is on the right side as you face the front of the module. Position the module so you’re facing the bottom of the unit. (Figure 3) 2. Locate the three caster mounting holes on the left side, and four mounting holes on the right side of the module. (Figure 3) 3. Secure one caster assembly to the rear base of the module using three (3) 10-32 x 1/2 Philips Screws. (Figure 4) 4. Secure the remaining caster assembly to the front base of the module using four (4) 10-32 x 1/2 Phil- ips Screws. (Figure 4) 5. Repeat steps 7-10 for each module in the system. 6. Set the module(s) upright on the casters. 7. Position the module(s) near their final installation location. NOTE: The casters roll in a straight line, but do not swivel. To turn the module, slide the front or back end laterally to change direction. 8. Facing the front of the modules, arrange the modules left to right in the following order: • Transformer Module (if available) • Power Module • Battery Module with output panel(if available) • Second Battery Module without output panel (if available) 4 Caster Assy mounting screw holes 3 Caster Assy mounting screw holes FIGURE 3: POSITION MODULE FOR CASTER INSTALLATION Screw Caster Assy to Rear of T1000 Module Screw Caster Assy to Front of T1000 Module FIGURE 4: ATTACH CASTER ASSEMBLIES |