전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT90PWM2 데이터시트(PDF) 225 Page - ATMEL Corporation

부품명 AT90PWM2
상세설명  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 데이터시트(HTML) 225 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 221Page - ATMEL Corporation AT90PWM2 Datasheet HTML 222Page - ATMEL Corporation AT90PWM2 Datasheet HTML 223Page - ATMEL Corporation AT90PWM2 Datasheet HTML 224Page - ATMEL Corporation AT90PWM2 Datasheet HTML 225Page - ATMEL Corporation AT90PWM2 Datasheet HTML 226Page - ATMEL Corporation AT90PWM2 Datasheet HTML 227Page - ATMEL Corporation AT90PWM2 Datasheet HTML 228Page - ATMEL Corporation AT90PWM2 Datasheet HTML 229Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 365 page
background image
225
AT90PWM2/3
4317B–AVR–02/05
Each time bit in the Manchester serial frame is divided into two phases (See Figure
109). The counter counts during the first phase and counts down during the second one.
When the data bit transition is detected, the counter memorises the N1 counter value
and start counting down.
When the counter reachs the zero value, it starts counting up again and the N1/2 value
allows to open the next detection window. This detection window defines the time zone
where the next data bit edge is sampled.
Figure 109. Manchester Decoder operation
Start Bit
Bit 1
Bit 2
N1
N2
N3
N1/2
N2/2
N3/2
N2/2
Data Clock
Manchester
Data
Manchester
Decoder
Counter
Detection
Window
Internal
Manchester
Clock
Decoded
Data-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More