전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATMEGA640 데이터시트(PDF) 190 Page - Microchip Technology

부품명 ATMEGA640
상세설명  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 데이터시트(HTML) 190 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 186Page - Microchip Technology ATMEGA640 Datasheet HTML 187Page - Microchip Technology ATMEGA640 Datasheet HTML 188Page - Microchip Technology ATMEGA640 Datasheet HTML 189Page - Microchip Technology ATMEGA640 Datasheet HTML 190Page - Microchip Technology ATMEGA640 Datasheet HTML 191Page - Microchip Technology ATMEGA640 Datasheet HTML 192Page - Microchip Technology ATMEGA640 Datasheet HTML 193Page - Microchip Technology ATMEGA640 Datasheet HTML 194Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 436 page
background image
190
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
21. SPI – Serial Peripheral Interface
The Serial Peripheral Interface (SPI) allows high-speed synchronous data transfer between the ATme-
ga 6 4 0 / 12 80 /1 28 1/ 25 60 /2 56 1 a n d pe riph er al d e vic e s o r b e twe e n se ver a l AVR d e v i c e s. T h e
ATmega640/1280/1281/2560/2561 SPI includes the following features:
• Full-duplex, Three-wire Synchronous Data Transfer
• Master or Slave Operation
• LSB First or MSB First Data Transfer
• Seven Programmable Bit Rates
• End of Transmission Interrupt Flag
• Write Collision Flag Protection
• Wake-up from Idle Mode
• Double Speed (CK/2) Master SPI Mode
USART can also be used in Master SPI mode, see “USART in SPI Mode” on page 227.
The Power Reduction SPI bit, PRSPI, in “PRR0 – Power Reduction Register 0” on page 55 on page 50 must be
written to zero to enable SPI module.
Figure 21-1. SPI Block Diagram(1)
Note:
1. Refer to Figure 1-1 on page 2, and Table 13-6 on page 76 for SPI pin placement.
DIVIDER
/2/4/8/16/32/64/128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More