전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M28F420 데이터시트(PDF) 32 Page - STMicroelectronics

부품명 M28F420
상세설명  4 Megabit (x8 or x16, Block Erase) FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28F420 데이터시트(HTML) 32 Page - STMicroelectronics

Back Button M28F420 Datasheet HTML 28Page - STMicroelectronics M28F420 Datasheet HTML 29Page - STMicroelectronics M28F420 Datasheet HTML 30Page - STMicroelectronics M28F420 Datasheet HTML 31Page - STMicroelectronics M28F420 Datasheet HTML 32Page - STMicroelectronics M28F420 Datasheet HTML 33Page - STMicroelectronics M28F420 Datasheet HTML 34Page - STMicroelectronics M28F420 Datasheet HTML 35Page - STMicroelectronics M28F420 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Write 0B0h
Command
AI01280
Start
Read Status
Register
YES
NO
b7=1
YES
NO
b6=1
Erase Continues
Erase
Complete
Write 0FFh
Command
ES instruction:
– write 0B0h command
(memory enters read register
state after the ES instruction)
do:
– read status register
(E or G must be toggled)
while b7 = 1
If b6 = 0, Erase completed
(at this point the memory wich
accept only the RD or ER instruction)
RD instruction:
– write 0FFh command
– one o more data reads
from another block
Write 0D0h
Command
ER instruction:
– write 0D0h command
to resume erasure
Read data from
another block
Figure 13. Erase Suspend & Resume Flow-chart and Pseudo Code
32/38
M28F410, M28F420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38