전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

01304C6 데이터시트(PDF) 6 Page - Infineon Technologies AG

부품명 01304C6
상세설명  OptiMOSTM Power-MOSFET, 40 V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

01304C6 데이터시트(HTML) 6 Page - Infineon Technologies AG

Back Button 01304C6 Datasheet HTML 2Page - Infineon Technologies AG 01304C6 Datasheet HTML 3Page - Infineon Technologies AG 01304C6 Datasheet HTML 4Page - Infineon Technologies AG 01304C6 Datasheet HTML 5Page - Infineon Technologies AG 01304C6 Datasheet HTML 6Page - Infineon Technologies AG 01304C6 Datasheet HTML 7Page - Infineon Technologies AG 01304C6 Datasheet HTML 8Page - Infineon Technologies AG 01304C6 Datasheet HTML 9Page - Infineon Technologies AG 01304C6 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
OptiMOSTMPower-MOSFET,40V
IQE013N04LM6CG
Rev.2.0,2020-07-15
Final Data Sheet
4Electricalcharacteristicsdiagrams
Diagram1:Powerdissipation
TC[°C]
0
25
50
75
100
125
150
175
200
0
20
40
60
80
100
120
Ptot=f(TC)
Diagram2:Draincurrent
TC[°C]
0
25
50
75
100
125
150
175
200
0
40
80
120
160
200
240
ID=f(TC);VGS
≥10V
Diagram3:Safeoperatingarea
VDS[V]
10-1
100
101
102
10-2
10-1
100
101
102
103
1 µs
10 µs
100 µs
1 ms
10 ms
DC
ID=f(VDS);TC=25°C;D=0;parameter:tp
Diagram4:Max.transientthermalimpedance
tp[s]
10-5
10-4
10-3
10-2
10-1
100
10-2
10-1
100
101
0.5
0.2
0.1
0.05
0.02
0.01
single pulse
ZthJC=f(tp);parameter:D=tp/T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13