전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

01304C6 데이터시트(PDF) 8 Page - Infineon Technologies AG

부품명 01304C6
상세설명  OptiMOSTM Power-MOSFET, 40 V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

01304C6 데이터시트(HTML) 8 Page - Infineon Technologies AG

Back Button 01304C6 Datasheet HTML 4Page - Infineon Technologies AG 01304C6 Datasheet HTML 5Page - Infineon Technologies AG 01304C6 Datasheet HTML 6Page - Infineon Technologies AG 01304C6 Datasheet HTML 7Page - Infineon Technologies AG 01304C6 Datasheet HTML 8Page - Infineon Technologies AG 01304C6 Datasheet HTML 9Page - Infineon Technologies AG 01304C6 Datasheet HTML 10Page - Infineon Technologies AG 01304C6 Datasheet HTML 11Page - Infineon Technologies AG 01304C6 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
OptiMOSTMPower-MOSFET,40V
IQE013N04LM6CG
Rev.2.0,2020-07-15
Final Data Sheet
Diagram9:Normalizeddrain-sourceonresistance
Tj[°C]
-80
-40
0
40
80
120
160
200
0.0
0.4
0.8
1.2
1.6
2.0
RDS(on)=f(Tj),ID=20A,VGS=10V
Diagram10:Typ.gatethresholdvoltage
Tj[°C]
-80
-40
0
40
80
120
160
200
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
510 µA
51 µA
VGS(th=f(Tj),VGS=VDS;parameter:ID
Diagram11:Typ.capacitances
VDS[V]
0
5
10
15
20
25
30
35
40
101
102
103
104
Ciss
Coss
Crss
C=f(VDS);VGS=0V;f=1MHz
Diagram12:Forwardcharacteristicsofreversediode
VSD[V]
0.00
0.25
0.50
0.75
1.00
1.25
100
101
102
103
25 °C
25 °C, max
175 °C
175 °C, max
IF=f(VSD);parameter:Tj



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com